Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3803X Arkusz danych(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Numer części UC3803X
Szczegółowy opis  Single Color ?3 Flush Mount Round Shape Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Strona internetowa  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UC3803X Arkusz danych(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  UC3803X Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. UC3803X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Page 1
U□38□3X Series
Single Color φ3 Flush Mount Round Shape Type
Recommended Applications
Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications
・Outer Dimension φ3 Round shape type
・Operation temperature range.
Storage Temperature
:-40℃~100℃
Operating Temperature
:-40℃~85℃
・Lead–free soldering compatible
・ RoHS compliant
Dominant wavelength
Blue
: 470nm (UB)
Blue Green
: 505nm (UC)
Green
: 525nm (UG)
Yellow
: 590nm (UY)
Red
: 626nm (UR)
Product features
Half Intensity Angle
Die materials
UB,UC,UG : InGaN, UY,UR : AlGaInP
UB,UC,UG
: 26 deg.
UY,UR
: 22 deg.
Features
Package
φ3 Round shape type,
UB,UC,UG
: Water Clear epoxy
UY
: Pale Yellow Clear epoxy
UR
: Pale Red Clear epoxy
Rank grouping parameter
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
InGaN : Less than 1kV(HBM),
AlGaInP : More than 2kV(HBM)
Bulk : 200pcs(MIN.)
Sorted by luminous intensity per rank taping
2006.7.31


Podobny numer części - UC3803X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800 UTC-UC3800 Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800BG-S08-R UTC-UC3800BG-S08-R Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800BL-S08-R UTC-UC3800BL-S08-R Datasheet
221Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800G-S08-R UTC-UC3800G-S08-R Datasheet
225Kb / 10P
   LOW COST POWER-SAVING MODE PWM CONTROLLER
More results

Podobny opis - UC3803X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STANLEY ELECTRIC CO.,LT...
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
   Single Color ?3 Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
   Single Color ?3 Flush Mount Round Shape Type
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
MBG3864K STANLEY-MBG3864K Datasheet
413Kb / 33P
   Single Color Flush Mount Round Shape Type
logo
List of Unclassifed Man...
UC3804X ETC1-UC3804X Datasheet
304Kb / 24P
   Single Color PI 3 Flush Mount Round Shape Type
5307S ETC2-5307S Datasheet
426Kb / 33P
   Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
   Single Color ?5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
   Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
   Single Color ?5 Flush Mount Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com