Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTL2010PW Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74GTL2010PW
Szczegółowy opis  10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2010PW Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74GTL2010PW Datasheet HTML 1Page - Texas Instruments SN74GTL2010PW Datasheet HTML 2Page - Texas Instruments SN74GTL2010PW Datasheet HTML 3Page - Texas Instruments SN74GTL2010PW Datasheet HTML 4Page - Texas Instruments SN74GTL2010PW Datasheet HTML 5Page - Texas Instruments SN74GTL2010PW Datasheet HTML 6Page - Texas Instruments SN74GTL2010PW Datasheet HTML 7Page - Texas Instruments SN74GTL2010PW Datasheet HTML 8Page - Texas Instruments SN74GTL2010PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
GTL2010
10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SCDS221 – SEPTEMBER 2006
All transistors in the GTL2010 have the same electrical characteristics, and there is minimal deviation from one
output to another in voltage or propagation delay. This offers superior matching over discrete transistor
voltage-translation solutions where the fabrication of the transistors is not symmetrical. With all transistors being
identical, the reference transistor (SREF/DREF) can be located on any of the other ten matched Sn/Dn transistors,
allowing for easier board layout. The translator transistors with integrated ESD circuitry provides excellent ESD
protection.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
TSSOP – PW
Tape and reel
SN74GTL2010PWR
GK2010
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
PIN DESCRIPTION
PIN NO.
NAME
DESCRIPTION
1
GND
Ground (0 V)
2
SREF
Source of reference transistor
3–12
Sn
Ports S1–10
13–22
Dn
Ports D10–D1
23
DREF
Drain of reference transistor
24
GREF
Gate of reference transistor
2
Submit Documentation Feedback


Podobny numer części - SN74GTL2010PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTL2010PW TI-SN74GTL2010PW Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PW TI1-SN74GTL2010PW Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWE4 TI-SN74GTL2010PWE4 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWE4 TI1-SN74GTL2010PWE4 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010PWG4 TI1-SN74GTL2010PWG4 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
More results

Podobny opis - SN74GTL2010PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com