Zakładka z wyszukiwarką danych komponentów |
|
SB2560CT Arkusz danych(PDF) 2 Page - Pan Jit International Inc. |
|
SB2560CT Arkusz danych(HTML) 2 Page - Pan Jit International Inc. |
2 / 2 page PAGE . 2 STAD-JUL.01.2004 Fig.1- FORWARD CURRENT DERATING CURVE RATING AND CHARACTERISTIC CURVES Fig.4- TYPICAL INSTANTANEOUS FORWARD CHRACTERISTICS Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT Fig.3- TYPICAL REVERSE CHARACTERISTICS 0 50 100 150 25.0 20.0 15.0 10.0 5.0 0 .3 .4 .5 .6 .7 .8 0.9 1.0 40 10 8 6 4 2 1.0 .8 .6 .4 .2 .1 T= 25 C Pulse Width = 300 s 1% Duty Cycle J O u 80,100V 20,30,40V 50,60V 240 210 180 150 120 90 60 30 0 12 5 10 20 50 100 8.3ms Single Half Since-Wave JEDEC Method 10 1.0 0.1 0.01 0.001 20 4 0 60 80 100 120 140 T=25 C J O T=75 C J O T =100 C J O CASE TEMPERATURE, C O NO. OF CYCLE AT 60Hz FORWARD VOLTAGE, VOLTS PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, % |
Podobny numer części - SB2560CT |
|
Podobny opis - SB2560CT |