Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI4963BDY Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI4963BDY
Szczegółowy opis  Dual P-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4963BDY Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI4963BDY_07 Datasheet HTML 1Page - Vishay Siliconix SI4963BDY_07 Datasheet HTML 2Page - Vishay Siliconix SI4963BDY_07 Datasheet HTML 3Page - Vishay Siliconix SI4963BDY_07 Datasheet HTML 4Page - Vishay Siliconix SI4963BDY_07 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si4963BDY
Vishay Siliconix
New Product
Document Number: 72753
S-40235—Rev. A, 16-Feb-04
www.vishay.com
1
Dual P-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
−20
0.032 @ VGS = −4.5 V
−6.5
−20
0.050 @ VGS = −2.5 V
−5.2
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
Ordering Information: Si4963BDY—E3 (Lead Free)
Si4963BDY-T1—E3 (Lead Free with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
−20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−6.5
−4.9
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−5.2
−3.9
A
Pulsed Drain Current
IDM
−40
A
continuous Source Current (Diode Conduction)a
IS
−1.7
−0.9
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.1
W
Maximum Power Dissipationa
TA = 70_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
58
62.5
Maximum Junction-to-Ambienta
Steady State
RthJA
91
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
40
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


Podobny numer części - SI4963BDY_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI4963BDY-T1-E3 VBSEMI-SI4963BDY-T1-E3 Datasheet
1Mb / 8P
   Dual P-Channel 20V (D-S) MOSFET
logo
Vishay Siliconix
SI4963BDY VISHAY-SI4963BDY_V01 Datasheet
163Kb / 8P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI4963BDY_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY_V01 Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI5903DC VISHAY-SI5903DC_08 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI1903DL VISHAY-SI1903DL_08 Datasheet
93Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
S-50694-Rev. C, 18-Apr-05
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_V01 Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI5903DC-T1-E3 VISHAY-SI5903DC-T1-E3 Datasheet
229Kb / 9P
   Dual P-Channel 2.5 V (G-S) MOSFET
Rev. C, 08-Mar-10
SI6963BDQ VISHAY-SI6963BDQ_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com