Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK11C68-L Arkusz danych(PDF) 2 Page - Simtek Corporation

Numer części STK11C68-L
Szczegółowy opis  Statement of Material Content Ceramic LCC Packages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SIMTEK [Simtek Corporation]
Strona internetowa  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C68-L Arkusz danych(HTML) 2 Page - Simtek Corporation

  STK11C68-L Datasheet HTML 1Page - Simtek Corporation STK11C68-L Datasheet HTML 2Page - Simtek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This package type is not available in a lead-free version.
Detail
Unit
28 350 LEADLESS CHIP CARRIER
32 450 LEADLESS CHIP CARRIER
Statement of Material Content
Ceramic LCC Packages
STK11C68-L
STK12C68-L
STK14C88-L
ASSEMBLY MATERIALS
Die Attach
JMI 7000
JMI 7000
Manufacturer
Johnson Matthey
Johnson Matthey
Die Attach Type
Silver Glass
Silver Glass
Die Attach Thickness
mil
0.5 - 1.0 mil
0.5 - 1.0 mil
Die Thickness
mil
19 mil
19 mil
Die Coating
None
None
Wire Bond Material
Al 99.99%
Al 99.99%
Wire Bond Diameter
mil
1.25 mil
1.25 mil
ASSEMBLY PROCESS FLOW
Flow ID
P596-0501-0202
P596-0501-0202
Wafer Mount
Non Contact
Non Contact
Scribe Method
Complete Saw Through
Complete Saw Through
Saw/Clean
CO2 bubbler
CO2 bubbler
2nd optical
High Power. 100%
High Power. 100%
2nd optical QA
High Power. 45 C=0
High Power. 45 C=0
Die Attach Method
Manual
Manual
Die Attach Cure
150-160°C, 10-30 minutes
150-160°C, 10-30 minutes
Bonder: Manual/Auto
Automatic
Automatic
Bond Type: Forward/Reverse
Reverse
Reverse
Bond Type: At The Die
Ball
Ball
Bond Type: At The Paddle
Stitch
Stitch
3rd Optical
Low & High Power. 100%
Low & High Power. 100%
3rd Optical QA
Low & High Power. 45 C=0
Low & High Power. 45 C=0
Seal Method/Atmosphere
Furnace / Nitrogen
Furnace / Nitrogen
Lid Seal Temp Profile
°C
Peak 420+/-5°C
Peak 420+/-5°C
min
Dwell 7-10 Minutes @ 410°C
Dwell 7-10 Minutes @ 410°C
min
Rise 60.5 Min 100-400°C
Rise 60.5 Min 100-400°C
Cool 2.0-3.5 minutes 400-200°C
Cool 2.0-3.5 minutes 400-200°C
Marking Ink
Markem 4489 White
Markem 4489 White
Backside Mark
[lot #] [assembly country]
[lot #] [assembly country]
Ink Cure
150°C+10°C -0°C 1hr +30 -0 minutes
150°C+10°C -0°C 1hr +30 -0 minutes
Temp Cycle
100% 10 cycles, -65°C to +150°C
100% 10 cycles, -65°C to +150°C
Centrifuge
100% 30KG
100% 30KG
Fine Leak
100% He 5x10
-8 atm cc/sec
100% He 5x10
-8 atm cc/sec
Gross Leak
100% 5torr 0.5H 75psig 1H
100% 5torr 0.5H 75psig 1H
Final Visual QA
100%
100%
Pack & Ship
45, C=0
45, C=0
PROCESS MONITORS
Wire Bond Monitor
Amkor Procedure
Amkor Procedure
Die Attach Monitor
Amkor Procedure
Amkor Procedure
Lid Seal Monitor
Amkor Procedure
Amkor Procedure
PIND Monitor
Amkor Procedure
Amkor Procedure
Lead Trim Monitor
Amkor Procedure
Amkor Procedure
Seal Area Particulate Monitor
Amkor Procedure
Amkor Procedure
Area Particle Count Limits
10,000 In D/A, Wire Bond Areas
10,000 In D/A, Wire Bond Areas
PL0122
Simtek Corporation
August 07


Podobny numer części - STK11C68-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
STK11C68-L35 CYPRESS-STK11C68-L35 Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
STK11C68-L35I CYPRESS-STK11C68-L35I Datasheet
556Kb / 16P
   64 Kbit (8K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C68-LF25 SIMTEK-STK11C68-LF25 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-LF25I SIMTEK-STK11C68-LF25I Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK11C68-LF25ITR SIMTEK-STK11C68-LF25ITR Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
More results

Podobny opis - STK11C68-L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
1-965421-1 MACOM-1-965421-1 Datasheet
108Kb / 1P
   Statement of Compliance
170023-1 MACOM-170023-1 Datasheet
108Kb / 1P
   Statement of Compliance
6473418-1 MACOM-6473418-1 Datasheet
30Kb / 1P
   Statement of Compliance
1-174955-1 MACOM-1-174955-1 Datasheet
105Kb / 1P
   Statement of Compliance
5502776-7 MACOM-5502776-7 Datasheet
104Kb / 1P
   Statement of Compliance
917978-6 MACOM-917978-6 Datasheet
105Kb / 1P
   Statement of Compliance
logo
List of Unclassifed Man...
A208SYCB04 ETC2-A208SYCB04 Datasheet
26Kb / 1P
   Always EU RoHS/ELV Compliant (Statement of Compliance)
logo
Molex Electronics Ltd.
16-06-0034 MOLEX-16-06-0034 Datasheet
146Kb / 2P
   Product Compliance Statement
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-LLP3X3 ACCUTEK-AK08D300-LLP3X3_12 Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, LCC DIP Adapters
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. October 2015
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com