Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3772 Arkusz danych(PDF) 1 Page - TRANSYS Electronics Limited

Numer części 2N3772
Szczegółowy opis  NPN SILICON PLANAR POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEL [TRANSYS Electronics Limited]
Strona internetowa  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2N3772 Arkusz danych(HTML) 1 Page - TRANSYS Electronics Limited

  2N3772 Datasheet HTML 1Page - TRANSYS Electronics Limited 2N3772 Datasheet HTML 2Page - TRANSYS Electronics Limited 2N3772 Datasheet HTML 3Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR POWER TRANSISTOR
2N3772
TO-3
Metal Can Package
Designed for Linear Amplifiers, Series Pass Regulators, and Inductive Switching Applications.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Collector Emitter Voltage
VCEX
Emitter Base Voltage
VEBO
Collector Current Continuous
IC
Peak
Base Current Continuous
IB
Peak
Power Dissipation @ Tc=25ºC
PD
Derate Above 25ºC
Operating And Storage Junction
Tj, Tstg
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Sustaing Voltage
VCEO (sus)*
IC=0.2A, IB=0
60
V
Collector Emitter Sustaing Voltage
VCEX (sus)
IC=0.2A, RBE=100Ω,VEB=(off)=1.5V
80
V
Collector Emitter Sustaing Voltage
VCER (sus)
IC=0.2A, RBE=100Ω,
70
V
Collector Cut Off Current
ICEO
VCE=50V, IB=0
10
mA
Collector Cut Off Current
ICEV
VCE=100V, VEB(off)=1.5V
5.0
mA
Tc=150ºC
VCE=45V, VEB(off)=1.5V
10
Collector Cut Off Current
ICBO
VCB=100V, IE=0
5.0
mA
Emitter Cut Off Current
IEBO
VBE=7V, IC=0
5.0
mA
DC Current Gain
hFE*
IC=10A, VCE=4V
15
60
IC=20A, VCE=4V
5
Collector Emitter Saturation Voltage
VCE(sat)
IC=10A, IB=1A
1.4
V
IC=20A, IB=4A
4.0
Base Emitter On Voltage
VBE(on)
IC=10A, VCE=4V
2.2
V
W/ºC
ºC
ºC/W
UNITS
V
V
V
V
A
A
W
100
60
80
7
20
30
5
15
150
0.855
- 65 to +200
0.170
Transys
Electronics
LI M ITE D


Podobny numer części - 2N3772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
2N3772 MOSPEC-2N3772 Datasheet
132Kb / 3P
   POWER TRANSISTORS(150W)
logo
Dc Components
2N3772 DCCOM-2N3772 Datasheet
233Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
ON Semiconductor
2N3772 ONSEMI-2N3772 Datasheet
204Kb / 6P
   POWER TRANSISTORS (NPN SILICON)
1995 REV 7
logo
Inchange Semiconductor ...
2N3772 ISC-2N3772 Datasheet
48Kb / 2P
   isc Silicon NPN Power Transistor
logo
STMicroelectronics
2N3772 STMICROELECTRONICS-2N3772 Datasheet
64Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
June 1997
More results

Podobny opis - 2N3772

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
BU508AT CDIL-BU508AT Datasheet
98Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
BD707 TEL-BD707 Datasheet
159Kb / 2P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
CFD2374 CDIL-CFD2374 Datasheet
95Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFD1499 CDIL-CFD1499 Datasheet
105Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFC2026 CDIL-CFC2026 Datasheet
100Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
BU208A CDIL-BU208A Datasheet
119Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
2N3772 CDIL-2N3772 Datasheet
144Kb / 4P
   NPN SILICON PLANAR POWER TRANSISTOR
CFC3852 CDIL-CFC3852 Datasheet
82Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
CFD2375 CDIL-CFD2375 Datasheet
105Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3773 TEL-2N3773 Datasheet
68Kb / 3P
   NPN SILICON PLANAR POWER TRANSISTOR
logo
Continental Device Indi...
2N3773 CDIL-2N3773 Datasheet
219Kb / 4P
   NPN SILICON PLANAR POWER TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com