Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SA1203 Arkusz danych(PDF) 1 Page - TRANSYS Electronics Limited

Numer części 2SA1203
Szczegółowy opis  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TEL [TRANSYS Electronics Limited]
Strona internetowa  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

2SA1203 Arkusz danych(HTML) 1 Page - TRANSYS Electronics Limited

  2SA1203 Datasheet HTML 1Page - TRANSYS Electronics Limited 2SA1203 Datasheet HTML 2Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-89 Plastic-Encapsulate Transistors
2SA1203 TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM
: 0.5
W (Tamb=25
℃)
Collector current
ICM
: -1.5
A
Collector-base voltage
V(BR)CBO : -30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
-1mA, IE=0
-30
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
-10mA, IB=0
-30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-1mA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-0.1
µA
DC current gain
hFE(1)
VCE=-2V, IC=-500mA
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=-1.5A, IB=-30mA
-2
V
Base-emitter voltage
VBE
VCE=-2V, IC=-500mA
-1
V
Transition frequency
fT
VCE=-2V, IC=-500mA
120
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
50
pF
CLASSIFICATION OF
hFE(1)
Rank
O
Y
Range
100-200
160-320
Marking
HO1
HY1
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
Transys
Electronics
LI M ITE D


Podobny numer części - 2SA1203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SA1203 TOSHIBA-2SA1203 Datasheet
156Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
logo
Jiangsu Changjiang Elec...
2SA1203 JIANGSU-2SA1203 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SA1203 TOSHIBA-2SA1203 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
logo
Galaxy Semi-Conductor H...
2SA1203 BILIN-2SA1203 Datasheet
164Kb / 4P
   Silicon Planar Epitaxial Transistor
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
More results

Podobny opis - 2SA1203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com