Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5801 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5801
Szczegółowy opis  Piezo-Electric Actuator Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5801 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5801 Datasheet HTML 3Page - Analog Devices AD5801 Datasheet HTML 4Page - Analog Devices AD5801 Datasheet HTML 5Page - Analog Devices AD5801 Datasheet HTML 6Page - Analog Devices AD5801 Datasheet HTML 7Page - Analog Devices AD5801 Datasheet HTML 8Page - Analog Devices AD5801 Datasheet HTML 9Page - Analog Devices AD5801 Datasheet HTML 10Page - Analog Devices AD5801 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary Technical Data
AD5801
Rev. 0 | Page 7 of 13
Table 3. Pin Function Descriptions
Pin. No.
Mnemonic
Description
SHUTTER_VBATT
Power Connection for the Shutter Drivers SOUT1-SOUT3, to be connected to VBATT
STROBE
Duration of the STROBE signal width sets the duration of current pulsed from SOUT1 to SOUT3. The
STROBE function can be disabled and the pulse duration can be programmed over the I”C interface if
required.
LDO2_COMP
This is the compensation pin for the internal Low Drop Out Regulator LDO2. A 4.7µF capacitor should be
connected between LDO2_COMP and ANAGND.
POSSENSE1
Input to ADC, the AD5801 can be used to measure current in an opto-reflective position feedback
scheme,or voltage from a Hall sensor or some other voltage output sensor, to determine lens postion.
POSSENSE2
Input to ADC, the AD5801 can be used to measure current in an opto-reflective position feedback
scheme,or voltage from a Hall sensor or some other voltage output sensor, to determine lens postion.
POSENSAF
Programmable current output.
POSENSZ
Programmable current output.
BIASTRES
Connected to external resistor for bias current generator
XSHUTDOWND
Asynchonous system reset signal
SCL
I2C Interface Signal
SDA
I2C Interface Signal
EXTCLK
Optional External Reference Clock Signal
DIG_GND
Digital Ground
VAUX
Digital Supply
ZD
Pattern programmable output driver which can be used for zoom control.
ZC
Pattern programmable output driver which can be used for zoom control.
ZB
Pattern programmable output driver which can be used for zoom control.
ZA
Pattern programmable output driver which can be used for zoom control.
FD
Pattern programmable output driver which can be used for auto focus control.
FC
Pattern programmable output driver which can be used for auto focus control.
PWR_DRIVERS
Power Supply pin for pattern programmable putput drivers FC, FD, ZA, ZB, ZC, and ZD. This pin can be
connected to LDO_ACT or a supply of 5V max.
GND_DRIVESTAGE
Ground for Focus Actuator/Motor Drivers FA and FB and for pattern drivers FC, FD, ZA, ZB, ZC, and ZD.
FB
Pattern programmable low Ronoutput driver which can be used for driving auto focus piezo actuator
directly.
FA
Pattern programmable low Ronoutput driver which can be used for driving auto focus piezo actuator
directly.
PWR_DRIVESTAGE
Supply for low Ron Drivers FA and FB, can be connected to LDO_ACT or a supply of 5V max.
LDO_ACT
Output of integrated Low Drop Out Regulator. A 10µF decoupling capacitor should be connected
between LDO_ACT and ANAGND.
VBATT
Battery supply connection.
ANAGND
Analog Ground connection.
SHUTTER_GND
Ground connection for Shutter Drivers SOUT1-SOUT3, this pins should be connected to ANAGND and
special care should be exercised to ensure that the ground return path from this pin to ANAGND is kept
to a minimum impedance.
SOUT1
Output for Shutter/Iris/NDF/Lens Cover Drive and control.
SOUT2
Output for Shutter/Iris/NDF/Lens Cover Drive and control.
SOUT3
Output for Shutter/Iris/NDF/Lens Cover Drive and control.


Podobny numer części - AD5801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5801 AD-AD5801 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5801 AD-AD5801 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD58012 AD-AD58012 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD58012 AD-AD58012 Datasheet
395Kb / 6P
   Tape and Reel Packaging
More results

Podobny opis - AD5801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
FAR-M2SC FUJITSU-FAR-M2SC Datasheet
38Kb / 6P
   Piezo Electric VCO
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
   piezo electric diaphragm
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
   piezo electric diaphragm
CEB-44D06 CUI-CEB-44D06 Datasheet
283Kb / 4P
   piezo electric diaphragm
CEB-27D44 CUI-CEB-27D44 Datasheet
249Kb / 4P
   piezo electric diaphragm
CEB-27FD44 CUI-CEB-27FD44 Datasheet
83Kb / 4P
   piezo electric diaphragm
CEB-35D26 CUI-CEB-35D26 Datasheet
256Kb / 4P
   piezo electric diaphragm
CEB-35FD29 CUI-CEB-35FD29 Datasheet
98Kb / 4P
   piezo electric diaphragm
logo
Festo Corporation.
1347391 FESTO-1347391 Datasheet
92Kb / 2P
   Electric actuator
5/8/22
574095 FESTO-574095 Datasheet
92Kb / 2P
   Electric actuator
5/8/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com