Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29LV008T-90RFEB Arkusz danych(PDF) 9 Page - Advanced Micro Devices

Numer części AM29LV008T-90RFEB
Szczegółowy opis  8 Megabit (1,048,576 x 8-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV008T-90RFEB Arkusz danych(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV008T-90RFEB Datasheet HTML 5Page - Advanced Micro Devices AM29LV008T-90RFEB Datasheet HTML 6Page - Advanced Micro Devices AM29LV008T-90RFEB Datasheet HTML 7Page - Advanced Micro Devices AM29LV008T-90RFEB Datasheet HTML 8Page - Advanced Micro Devices AM29LV008T-90RFEB Datasheet HTML 9Page - Advanced Micro Devices AM29LV008T-90RFEB Datasheet HTML 10Page - Advanced Micro Devices AM29LV008T-90RFEB Datasheet HTML 11Page - Advanced Micro Devices AM29LV008T-90RFEB Datasheet HTML 12Page - Advanced Micro Devices AM29LV008T-90RFEB Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Am29LV008T/Am29LV008B
9
PRELIMINARY
Autoselect
The Autoselect mode allows the reading out of a binary
code from the device and will identify its manufacturer
and type. The intent is to allow programming equipment
to automatically match the device to be programmed
with its corresponding programming algorithm. The Au-
toselect command may also be used to check the sta-
tus of write-protected sectors (see Table 2). This mode
is functional over the entire temperature range of the
device.
To activate this mode, the programming equipment
must force VID (12.0 V ± 5%) on address pin A9. Two
identifier bytes may then be sequenced from the device
outputs by toggling address A0 from VIL to VIH. All ad-
dresses are don’t cares except A0, A1, and A6 see
Table 2.
The manufacturer and device codes may also be read
via the command register, for instances when the
Am29LV008 is erased or programmed in a system with-
out access to high voltage on the A9 pin. The command
sequence is illustrated in Table 5 on page 13.
Byte 0 (A0 = VIL) represents the manufacturer’s code
and byte 1 (A0 = VIH) the device identifier code. For the
Am29LV008 these two bytes are given in Table 2. All
identifiers for manufacturer and device will exhibit odd
parity with DQ7 defined as the parity bit. In order to
read the proper device codes when executing Autose-
lect, A1 must be VIL (see Table 2). The device code is
3EH (for top boot block) or 37H (for bottom boot block).
In order to determine which sectors are write protected,
A1 must be at VIH while running through the sector ad-
dresses; if the selected sector is protected, a logical ‘1’
will be output on DQ0 (DQ0 = 1).
Table 2.
Autoselect/Sector Protection Codes
X = Don’t care.
* Outputs 01H at protected sector addresses.
Type
A13–A19
A6
A1
A0
Code
(HEX)
DQ
7
DQ
6
DQ
5
DQ
4
DQ
3
DQ
2
DQ
1
DQ
0
Manufacturer Code: AMD
X
L
L
L
01H
00000001
29LV008 Device
(Top Boot Block)
X
L
L
H
3EH
00111110
29LV008 Device
(Bottom Boot Block)
X
L
L
H
37H
00110111
Sector Protection
Set Sector
Addresses
L
H
L
01H*
00000001


Podobny numer części - AM29LV008T-90RFEB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120EC AMD-AM29LV008BB-120EC Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV008BB-120ECB AMD-AM29LV008BB-120ECB Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Podobny opis - AM29LV008T-90RFEB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV008B AMD-AM29LV008B Datasheet
492Kb / 38P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV008B AMD-AM29LV008B_06 Datasheet
716Kb / 41P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800B EON-EN29LV800B Datasheet
351Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C_11 Datasheet
407Kb / 41P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com