Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL-SCSI285 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TL-SCSI285
Szczegółowy opis  FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL-SCSI285 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TL-SCSI285 Datasheet HTML 2Page - Texas Instruments TL-SCSI285 Datasheet HTML 3Page - Texas Instruments TL-SCSI285 Datasheet HTML 4Page - Texas Instruments TL-SCSI285 Datasheet HTML 5Page - Texas Instruments TL-SCSI285 Datasheet HTML 6Page - Texas Instruments TL-SCSI285 Datasheet HTML 7Page - Texas Instruments TL-SCSI285 Datasheet HTML 8Page - Texas Instruments TL-SCSI285 Datasheet HTML 9Page - Texas Instruments TL-SCSI285 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TL-SCSI285KC
NRND
TO-220
KC
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
TL-SCSI285KCE3
NRND
TO-220
KC
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
TL-SCSI285KCSE3
ACTIVE
TO-220
KCS
3
50
Pb-Free
(RoHS)
CU SN
N / A for Pkg Type
TL-SCSI285PWR
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPD
Level-1-260C-UNLIM
TL-SCSI285PWRE4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPD
Level-1-260C-UNLIM
TL-SCSI285PWRG4
ACTIVE
TSSOP
PW
20
2000 Green (RoHS &
no Sb/Br)
CU NIPD
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 1


Podobny numer części - TL-SCSI285

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL-SCSI285 TI-TL-SCSI285 Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL-SCSI285KC TI-TL-SCSI285KC Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL-SCSI285PW TI-TL-SCSI285PW Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL-SCSI285PWR TI-TL-SCSI285PWR Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL-SCSI285Y TI-TL-SCSI285Y Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
More results

Podobny opis - TL-SCSI285

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL-SCSI285 TI-TL-SCSI285 Datasheet
82Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
TL2217-285 TI-TL2217-285 Datasheet
79Kb / 6P
[Old version datasheet]   FIXED-VOLTAGE REGULATORS FOR SCSI ACTIVE TERMINATION
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
logo
KOA Speer Electronics, ...
RDAQ20T KOA-RDAQ20T Datasheet
93Kb / 2P
   scsi&ecl termination networks
logo
Texas Instruments
UA7808 TI1-UA7808_16 Datasheet
1Mb / 29P
[Old version datasheet]   Fixed Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com