Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT1832L-G Arkusz danych(PDF) 5 Page - Catalyst Semiconductor

Numer części CAT1832L-G
Szczegółowy opis  5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1832L-G Arkusz danych(HTML) 5 Page - Catalyst Semiconductor

  CAT1832L-G Datasheet HTML 1Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 2Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 3Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 4Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 5Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 6Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 7Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 8Page - Catalyst Semiconductor CAT1832L-G Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT1232, CAT1832
APPLICATION INFORMATION
SUPPLY VOLTAGE MONITOR
Reset Signal Polarity and Output Stage Structure
RESET
¯¯¯¯¯¯ is an active LOW signal. It is developed with
an open drain driver in the CAT1232LP. A pull-up
resistor is required, typical values are 10kΩ to 50kΩ.
The CAT1832 uses a CMOS push-pull output stage
for the RESET
¯¯¯¯¯¯.
RESET is an active High signal developed by a
CMOS push-pull output stage and is the logical
opposite to RESET
¯¯¯¯¯¯.
Trip Point Tolerance Selection
The TOL input is used to select the VCC trip point
threshold. This selection is made connecting the
TOL input to ground or V
CC. Connecting TOL to
Ground makes the V
CC trip threshold 4.62V for the
CAT1232LP and 2.88V for the CAT1832.
Connecting TOL to V
CC makes the VCC trip threshold
4.37V for the CAT1232LP and 2.55V for the
CAT1832.
After VCC has risen above the trip point set by TOL,
RESET and RESET
¯¯¯¯¯¯remain active for a minimum time
period of 250ms.
On power-down, once V
CC
falls below the reset
threshold the RESET outputs will remain active and
are guaranteed valid down to a V
CC level of 1.0V.
Trip Point Voltage (V)
Tolerance
Select
Voltage
Trip Point
Tolerance
MIN
NOMINAL
MAX
CAT1232LP
TOL = V
10 %
4.25
4.37
4.49
CC
CAT1232LP
TOL = GND
5 %
4.50
4.62
4.74
CAT1832
TOL = V
20 %
2.47
2.55
2.64
CC
CAT1832
TOL = GND
10 %
2.80
2.88
2.97
Manual Reset Operation
Push-button input, PBRST
¯¯¯¯¯¯, allows the user to issue
reset signals. The pushbutton input is debounced and
is pulled high through an internal 40kΩ resistor.
When PBRST
¯¯¯¯¯¯ is held low for the minimum time of
20ms, both resets become active and remain active
for a minimum time period of 250ms after PBRST
returns high.
No external pull-up resistor is required, since PBRST
¯¯¯¯¯¯
is pulled high by an internal 40kΩ resistor.
PBRST
¯¯¯¯¯¯ can be driven from a TTL or CMOS logic line
or short-ed to ground with a mechanical switch.
Figure 1. Timing Diagram: Power Up
Figure 2. Timing Diagram: Power Down
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VCC
RESET
RESET
tF
VOH
VOL
tRPD
VCCTP(MAX)
VCCTP
VCCTP(MIN)
VCC
RESET
RESET
tR
tRPU
VOH
VOL
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-3018 Rev. D
Characteristics subject to change without notice


Podobny numer części - CAT1832L-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT1832L-G ONSEMI-CAT1832L-G Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Catalyst Semiconductor
CAT1832L-GT2 CATALYST-CAT1832L-GT2 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
CAT1832L-GT3 CATALYST-CAT1832L-GT3 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
More results

Podobny opis - CAT1832L-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP_06 Datasheet
179Kb / 12P
   5V and 3.3V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
logo
ON Semiconductor
CAT1232LP ONSEMI-CAT1232LP Datasheet
604Kb / 12P
   5 V and 3.3 V Supply Monitor, Watchdog Timer, Manual Reset, with Active High & Low Resets
Doc. No. MD-3018 Rev. F
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Linear Technology
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
   5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
Linear Technology
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com