Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA1530AT Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części TEA1530AT
Szczegółowy opis  GreenChip?줚I SMPS control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1530AT Arkusz danych(HTML) 3 Page - NXP Semiconductors

  TEA1530AT Datasheet HTML 1Page - NXP Semiconductors TEA1530AT Datasheet HTML 2Page - NXP Semiconductors TEA1530AT Datasheet HTML 3Page - NXP Semiconductors TEA1530AT Datasheet HTML 4Page - NXP Semiconductors TEA1530AT Datasheet HTML 5Page - NXP Semiconductors TEA1530AT Datasheet HTML 6Page - NXP Semiconductors TEA1530AT Datasheet HTML 7Page - NXP Semiconductors TEA1530AT Datasheet HTML 8Page - NXP Semiconductors TEA1530AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Objective data sheet
Rev. 01 — 18 May 2005
3 of 22
Philips Semiconductors
TEA1530AT
GreenChip
™II SMPS control IC
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
The TEA1530AT is the controller of a compact flyback converter, with the IC situated at
the primary side. An auxiliary winding of the transformer powers the IC after start-up;
see Figure 3.
Fig 2.
Pin configuration: TEA1530AT
(SOT96-1)
Table 2:
Pin description
Symbol
Pin
Description
VCC
1
supply voltage
GND
2
ground
PROTECT
3
protection and timing input
CTRL
4
control input
SENSE
5
programmable current sense input
DRIVER
6
MOSFET gate driver output
HVS
7
High Voltage Spacer
DRAIN
8
drain of the external MOS switch, input for start-up current


Podobny numer części - TEA1530AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1530AT NXP-TEA1530AT Datasheet
122Kb / 21P
   GreenChip II SMPS control IC
Rev. 01-30 June 2008
More results

Podobny opis - TEA1530AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com