Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6655BCPZ-1501 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD6655BCPZ-1501
Szczegółowy opis  IF Diversity Receiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD6655BCPZ-1501 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD6655BCPZ-1501 Datasheet HTML 6Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 7Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 8Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 9Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 10Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 11Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 12Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 13Page - Analog Devices AD6655BCPZ-1501 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
AD6655
Rev. 0 | Page 10 of 84
AD6655BCPZ-80
AD6655BCPZ-105
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
LOGIC INPUTS (SMI SDO/OEB,
SMI SCLK/PDWN)2
High Level Input Voltage
Full
1.22
3.6
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
0
0.6
V
High Level Input Current
Full
−90
−134
−90
−134
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Resistance
Full
26
26
Input Capacitance
Full
5
5
pF
DIGITAL OUTPUTS
CMOS Mode—DRVDD = 3.3 V
High Level Output Voltage
IOH = 50 μA
Full
3.29
3.29
V
IOH = 0.5 mA
Full
3.25
3.25
V
Low Level Output Voltage
IOL = 1.6 mA
Full
0.2
0.2
V
IOL = 50 μA
Full
0.05
0.05
V
CMOS Mode—DRVDD = 1.8 V
High Level Output Voltage
IOH = 50 μA
Full
1.79
1.79
V
IOH = 0.5 mA
Full
1.75
1.75
V
Low Level Output Voltage
IOL = 1.6 mA
Full
0.2
0.2
V
IOL = 50 μA
Full
0.05
0.05
V
LVDS Mode, DRVDD = 1.8 V
Differential Output Voltage (VOD),
ANSI Mode
Full
250
350
450
250
350
450
mV
Output Offset Voltage (VOS),
ANSI Mode
Full
1.15
1.25
1.35
1.15
1.25
1.35
V
Differential Output Voltage (VOD),
Reduced Swing Mode
Full
150
200
280
150
200
280
mV
Output Offset Voltage (VOS),
Reduced Swing Mode
Full
1.15
1.25
1.35
1.15
1.25
1.35
V
1 Pull up.
2 Pull down.


Podobny numer części - AD6655BCPZ-1501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6655BCPZ-1501 AD-AD6655BCPZ-1501 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
More results

Podobny opis - AD6655BCPZ-1501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. B
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com