Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM13305-25ARZ-RL71 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADM13305-25ARZ-RL71
Szczegółowy opis  Dual Processor Supervisors with Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM13305-25ARZ-RL71 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADM13305-25ARZ-RL71 Datasheet HTML 2Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 3Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 4Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 5Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 6Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 7Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 8Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 9Page - Analog Devices ADM13305-25ARZ-RL71 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM13305
Rev. 0 | Page 6 of 12
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
Supply Voltage Range, VDD
−0.3 V to +6 V
MR , WDI
−0.3 V to VDD + 0.3 V
SENSE1, SENSE2
(VDD + 0.3 V)VIT/VREF
RESET, RESET
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
−0.3 V to +6 V
Maximum Low Output Current
5 mA
Maximum High Output Current
−5 mA
Input Clamp Current (VI < 0 V, VI > VDD)
±20 mA
Output Clamp Current (VO < 0 V, VO > VDD)
±20 mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
THERMAL RESISTANCE
Table 9.
Package Type
θJA
Unit
8-Lead SOIC_N (R-8)
206
°C/W
ESD CAUTION


Podobny numer części - ADM13305-25ARZ-RL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
More results

Podobny opis - ADM13305-25ARZ-RL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305 TI1-TPS3305_16 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com