Zakładka z wyszukiwarką danych komponentów |
|
ISL54200IRZ Arkusz danych(PDF) 5 Page - Intersil Corporation |
|
ISL54200IRZ Arkusz danych(HTML) 5 Page - Intersil Corporation |
5 / 16 page 5 FN6408.1 July 11, 2007 DIGITAL INPUT CHARACTERISTICS Input Voltage Low, VINL, VENL VDD = 2.7V to 3.6V Full - - 0.5 V Input Voltage High, VINH, VENH VDD = 2.7V to 3.6V Full 1.4 - - V Input Current, IINL, IENL VDD = 3.6V, IN = 0V, EN = 0V Full - 10 - nA Input Current, IINH VDD = 3.6V, IN = 3.6 Full - 10 - nA Input Current, IENH VDD = 3.6V, EN = 3.6 Full - 1 - μA NOTES: 4. VLOGIC = Input voltage to perform proper function. 5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. 6. Parts are 100% tested at +25°C. Over temperature limits established by characterization and are not production tested. 7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range. 8. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON value, between HSD2 and HSD1 or between FSD2 and FSD1. Test Circuits and Waveforms Logic input waveform is inverted for switches that have the opposite logic sense. FIGURE 1A. MEASUREMENT POINTS Repeat test for all switches. CL includes fixture and stray capacitance. FIGURE 1B. TEST CIRCUIT FIGURE 1. SWITCHING TIMES Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V, VENH = 1.4V, VENL = 0.5V, (Note 4), Unless Otherwise Specified. (Continued) PARAMETER TEST CONDITIONS TEMP (°C) MIN (Notes 5, 6) TYP MAX (Notes 5, 6) UNITS 50% tr < 20ns tf < 20ns tOFF 90% VINH 0V VINPUT VINL tON LOGIC INPUT SWITCH INPUT SWITCH OUTPUT 90% VOUT V OUT V (INPUT) R L R L r ON + ------------------------ = SWITCH INPUT VIN VOUT RL CL COMx HSx or FSx IN 45 Ω 10pF GND VDD EN VINPUT ISL54200 |
Podobny numer części - ISL54200IRZ |
|
Podobny opis - ISL54200IRZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |