Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM13305-5ARZ-RL71 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADM13305-5ARZ-RL71
Szczegółowy opis  Dual Processor Supervisors with Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM13305-5ARZ-RL71 Arkusz danych(HTML) 5 Page - Analog Devices

  ADM13305-5ARZ-RL71 Datasheet HTML 1Page - Analog Devices ADM13305-5ARZ-RL71 Datasheet HTML 2Page - Analog Devices ADM13305-5ARZ-RL71 Datasheet HTML 3Page - Analog Devices ADM13305-5ARZ-RL71 Datasheet HTML 4Page - Analog Devices ADM13305-5ARZ-RL71 Datasheet HTML 5Page - Analog Devices ADM13305-5ARZ-RL71 Datasheet HTML 6Page - Analog Devices ADM13305-5ARZ-RL71 Datasheet HTML 7Page - Analog Devices ADM13305-5ARZ-RL71 Datasheet HTML 8Page - Analog Devices ADM13305-5ARZ-RL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM13305
Rev. 0 | Page 5 of 12
TIMING REQUIREMENTS
VDD = 2.7 V to 5.5 V, RL = 1 MΩ, CL = 50 pF, TA = 25°C.
Table 3. ADM13305-18, ADM13305-25 and ADM13305-33
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PULSE WIDTH (tw)
SENSEv
6
μs
VSENSEvL = VIT− − 0.3 V, VSENSEvH = VIT+ + 0.3 V
MR
100
ns
VIH = 0.7 × VDD, VIL = 0.3 × VDD
WDI
100
ns
VIH = 0.7 × VDD, VIL = 0.3 × VDD
Table 4. ADM13305-4 and ADM13305-5
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PULSE WIDTH (tw)
SENSEv
30
μs
VSENSEvL = VIT− − 0.3 V, VSENSEvH = VIT+ + 0.3 V
MR
100
ns
VIH = 0.7 × VDD, VIL = 0.3 × VDD
WDI
100
ns
VIH = 0.7 × VDD, VIL = 0.3 × VDD
SWITCHING CHARACTERISTICS
VDD = 2.7 V to 5.5 V, RL = 1 MΩ, CL = 50 pF, TA = 25°C.
Table 5. ADM13305-18, ADM13305-25 and ADM13305-33
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Watchdog Timeout (tt(OUT))
1.1
1.6
2.3
sec
VI(SENSEv) ≥ VIT+ + 0.2 V, MR ≥ 0.7 × VDD
Delay Time (td)
140
200
280
ms
VI(SENSEv) ≥ VIT+ + 0.2 V, MR ≥ 0.7 × VDD
Propagation Delay, High-to-Low, MR to RESET1/RESET (tPHL)
200
500
ns
VI(SENSEv) ≥ VIT+ + 0.2 V, VIH ≥ 0.7 × VDD, VIL ≥ 0.3 × VDD
Propagation Delay, Low-to-High, MR to RESET/RESET1 (tPLH)
200
500
ns
VI(SENSEv) ≥ VIT+ + 0.2 V, VIH ≥ 0.7 × VDD, VIL ≥ 0.3 × VDD
Propagation Delay, High-to-Low, SENSEv to RESET1/RESET (tPHL)
1
5
μs
VIH = VIT+ + 0.3 V, VIL = VIT− − 0.3 V, MR ≥ 0.7 × VDD
Propagation Delay, Low-to-High, SENSEv to RESET/RESET1 (tPLH)
1
5
μs
VIH = VIT+ + 0.3 V, VIL = VIT− − 0.3 V, MR ≥ 0.7 × VDD
1 The reset timeout delay of 200 ms masks the propagation delay.
Table 6. ADM13305-4 and ADM13305-5
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Watchdog Timeout (tt(out))
1.1
1.6
2.3
sec
VI(SENSEv) ≥ VIT+ + 0.2 V, MR ≥ 0.7 × VDD
Delay Time (td)
140
200
280
ms
VI(SENSEv) ≥ VIT+ + 0.2 V, MR ≥ 0.7 × VDD
Propagation Delay, High-to-Low, MR to RESET1/RESET (tPHL)
200
500
ns
VI(SENSEv) ≥ VIT+ + 0.2 V, VIH ≥ 0.7 × VDD, VIL ≥ 0.3 × VDD
Propagation Delay, Low-to-High, MR to RESET/RESET1 (tPLH)
200
500
ns
VI(SENSEv) ≥ VIT+ + 0.2 V, VIH ≥ 0.7 × VDD, VIL ≥ 0.3 × VDD
Propagation Delay, High-to-Low, SENSEv to RESET1/RESET (tPHL)
30
μs
VIH = VIT+ + 0.3 V, VIL = VIT− − 0.3 V, MR ≥ 0.7 × VDD
Propagation Delay, Low-to-High, SENSEv to RESET/RESET1 (tPLH)
30
μs
VIH = VIT+ + 0.3 V, VIL = VIT− − 0.3 V, MR ≥ 0.7 × VDD
1 The reset timeout delay of 200 ms masks the propagation delay.
FUNCTIONAL TRUTH TABLE
Table 7.
MR
SENSE1 > VIT1
SENSE2 > VIT2
RESET
RESET
L
X1
X1
L
H
H
0
0
L
H
H
0
1
L
H
H
1
0
L
H
H
1
1
H
L
1 X = don’t care.


Podobny numer części - ADM13305-5ARZ-RL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
More results

Podobny opis - ADM13305-5ARZ-RL71

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305 TI1-TPS3305_16 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com