Zakładka z wyszukiwarką danych komponentów |
|
LA30QS4000-128 Arkusz danych(PDF) 1 Page - Littelfuse |
|
LA30QS4000-128 Arkusz danych(HTML) 1 Page - Littelfuse |
1 / 2 page Special Purpose Fuses 90 w w w . l i t t e l f u s e . c o m © 2005 Littelfuse • POWR-GARD™ Products Catalog LA 30 QS 600 -4 TI Style Littelfuse Ampere Rating Mounting Type Voltage (300) Integral Blown- Fuse Indicator Ferrule 1 Blades/Bolt-in 4 Hockey Puck, bolt-in 128 Trigger Indicator TI Trigger Actuator IL LA30QS Semiconductor Fuses 300 VAC • Very Fast Acting • 35 – 4500 Amperes Specifications Voltage Rating: AC: 300 volts DC: 300 volts Interrupting Rating: 200,000 Amperes Ampere Range: 35 – 4500 Amperes Approvals: UL Recognized under the components program. Littelfuse LA30QS series Semiconductor protection fuses are intended for the protection of Power Semiconductors such as diodes, phase control SCR’s and other power semiconductor devices. The LA30QS is recommended for new applications providing solutions for your critical protection needs for 300V and less semiconductors. Features • Low I2t minimizes damage to protected components on short-circuit. • Controlled arc voltage reduces stress to circuit components during fuse clearing. • Choice of mounting types provides options for unique termination requirements. • Indicator options allow identification of blown fuses. • Superior DC capabilities. Applications Protection of 300 volt heavy duty rectifiers and similar heavy duty power supplies. Ordering Information Note: Mounting types and integral blown fuse indicators are optional for specified ratings. Contact Littelfuse for characteristic curves. |
Podobny numer części - LA30QS4000-128 |
|
Podobny opis - LA30QS4000-128 |