Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM89T16R1L16 Arkusz danych(PDF) 4 Page - SyncMOS Technologies,Inc

Numer części SM89T16R1L16
Szczegółowy opis  8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89T16R1L16 Arkusz danych(HTML) 4 Page - SyncMOS Technologies,Inc

  SM89T16R1L16 Datasheet HTML 1Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 2Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 3Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89T16R1L16 Datasheet HTML 9Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
SyncMOS Technologies International, Inc.
SM89T16R1
8-Bits Micro-controller
With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89T16R1 08/2006
4
Pin Description
MNEMONIC
DIP 40 pin
PQFP 44 Pin
PLCC 44 pin
Names and Functions
VDD
40
38
44
Power supply:
+3.3V and +5V power supply pin during normal operations and power
saving modes.
P0.0 – P0.7
39,38,37,36
35,34,33,32
37,36,35,34
33,32,31,30
43,42,41,40
39,38,37,36
Port 0:
Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s
written to them become floating and can be used as high- impedance
inputs. Port 0 is also the multiplexed low-order address and data bus
during accesses to external program and data memory. In this application,
it uses strong internal pull-ups when emitting 1s.
Port Pin
Alternative function
P0.0
AD0
P0.1
AD1
P0.2
AD2
P0.3
AD3
P0.4
AD4
P0.5
AD5
P0.6
AD6
P0.7
AD7
P1.0 – P1.7
1,2,3,4,
5,6,7,8
40,41,42,43,
44,1,2,3
2,3,4,5,
6,7,8,9
Port 1:
An 8-bits bidirectional I/O port with internal pull-ups on all pins. Port 1
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, port 1 pins that are externally pulled
low will source current because of the internal pull-ups. (See DC
Electrical Characteristics: IIL).
Alternate function of SM89T16R1 include:
Port Pin
Alternative function
P1.0
T2: TIMER2 clock output
P1.1
T2EX: TIMER2 reload/capture DIR.
P1.2
RxD1: UART1 input
P1.3
TxD1: UART1 output
P1.4
PWM0: PWM channel 0 output
INT2: rising edge trigger
P1.5
PWM1: PWM channel 1 output
#INT3: falling edge trigger
P1.6
INT4: rising edge trigger
P1.7
#INT5: falling edge trigger
RST
9
4
10
Reset:
A high on this pin for two machine cycles while the oscillator is running
resets the device. An internal resistor to VSS permits a power-on reset
using only an external capacitor to VCC.
P2.0 – P2.7
21,22,23,24,
25,26,27,28
18,19,20,21
22,23,24,25
24,25,26,27,
28,29,30,31
Port 2:
Port 2 is an 8-bits bidirectional I/O port with internal pull-ups. Port 2 pins
that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, port 2 pins that are externally being
pulled low will source current because of the internal pull-ups. (See DC
Electrical Characteristics: IIL). Port 2 emits the high-order address byte
during fetches from external program memory and during accesses to
external data memory that uses 16-bits addresses (MOVX @DPTR). In
this application, it uses strong internal pull-ups when emitting 1s. During
accesses to external data memory that uses 8-bits addresses (MOV @Ri),
port 2 emits the contents of the P2 special function register.
Port Pin
Alternative function
P2.0
A8
P2.1
A9
P2.2
A10
P2.3
A11
P2.4
A12/ADC0
P2.5
A13/ADC1
P2.6
A14/ADC2
P2.7
A15/ADC3
MNEMONIC
DIP 40 pin
PQFP 44 Pin
PLCC 44 pin
Names and Functions


Podobny numer części - SM89T16R1L16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89T16R1L16 SYNCMOS-SM89T16R1L16 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
More results

Podobny opis - SM89T16R1L16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
416Kb / 28P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com