Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8595TH Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA8595TH
Szczegółowy opis  I2C-bus controlled 4 쨈 45 W power amplifier
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8595TH Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA8595TH Datasheet HTML 1Page - NXP Semiconductors TDA8595TH Datasheet HTML 2Page - NXP Semiconductors TDA8595TH Datasheet HTML 3Page - NXP Semiconductors TDA8595TH Datasheet HTML 4Page - NXP Semiconductors TDA8595TH Datasheet HTML 5Page - NXP Semiconductors TDA8595TH Datasheet HTML 6Page - NXP Semiconductors TDA8595TH Datasheet HTML 7Page - NXP Semiconductors TDA8595TH Datasheet HTML 8Page - NXP Semiconductors TDA8595TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
TDA8595_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 November 2007
2 of 50
NXP Semiconductors
TDA8595
I2C-bus controlled 4
× 45 W power amplifier
I Selectable information on the DIAG and STB pins:
N The STB pin can be programmed/multiplexed with second clip detection
N Clip information of each channel can be directed separately to the DIAG pin or the
STB pin
N Independent enabling of thermal, clip or load fault detection (short across or to VP
or to ground) on DIAG pin
3.
Quick reference data
4.
Ordering information
Table 1.
Quick reference data
Refer to test circuit (see Figure 30) at VP =VP1 =VP2 = 14.4 V; RL =4 Ω; f = 1 kHz; RS =0 Ω;
normal mode; unless otherwise specified. Tested at Tamb =25 °C; guaranteed for Tamb = −40 °C to
+105
°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
RL =4 Ω
8
14.4
18
V
Iq
quiescent current
no load
-
270
400
mA
Po
output power
VP = 14.4 V
RL =4 Ω; THD = 0.5 %
18
20
-
W
RL =4 Ω; THD = 10 %
23
25
-
W
RL =4 Ω; maximum
power; Vi = 2 V (RMS)
square wave
37
40
-
W
RL =2 Ω; maximum
power; Vi = 2 V (RMS)
square wave
58
64
-
W
THD
total harmonic
distortion
RL =4 Ω; f = 1 kHz;
Po =1Wto12W
-
0.01
0.1
%
Vn(o)
noise output
voltage
filter 20 Hz to 22 kHz;
RS =1kΩ
normal mode
-
45
65
µV
line driver mode
-
22
29
µV
Table 2.
Ordering information
Type
number
Package
Name
Description
Version
TDA8595J
DBS27P
plastic DIL-bent-SIL (special bent) power package;
27 leads (lead length 6.8 mm)
SOT827-1
TDA8595TH
HSOP36
plastic, heatsink small outline package; 36 leads;
low stand-off height
SOT851-2
TDA8595SD
RDBS27P
plastic rectangular-DIL-bent-SIL (reverse bent) power
package; 27 leads (row spacing 2.54 mm)
SOT878-1


Podobny numer części - TDA8595TH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
More results

Podobny opis - TDA8595TH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TFA9800J NXP-TFA9800J Datasheet
136Kb / 17P
   2 쨈 7 W stereo power amplifier
Rev. 01-17 March 2006
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
logo
Texas Instruments
TPA0172 TI-TPA0172 Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com