Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF992 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BF992
Szczegółowy opis  Silicon N-channel dual gate MOS-FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF992 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BF992 Datasheet HTML 1Page - NXP Semiconductors BF992 Datasheet HTML 2Page - NXP Semiconductors BF992 Datasheet HTML 3Page - NXP Semiconductors BF992 Datasheet HTML 4Page - NXP Semiconductors BF992 Datasheet HTML 5Page - NXP Semiconductors BF992 Datasheet HTML 6Page - NXP Semiconductors BF992 Datasheet HTML 7Page - NXP Semiconductors BF992 Datasheet HTML 8Page - NXP Semiconductors BF992 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NXP Semiconductors
Product specification
Silicon N-channel dual gate MOS-FET
BF992
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a ceramic substrate, 8 mm
× 10 mm × 0.7 mm.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
20
V
ID
drain current
40
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
Tamb ≤ 60 °C; see Fig.2; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
Fig.2 Power derating curves.
handbook, halfpage
0
100
0
200
100
200
(mW)
Ptot max
MBL033
Tamb ( C)
o
Rev. 04 - 21 November 2007
3 of 9


Podobny numer części - BF992

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF992 PHILIPS-BF992 Datasheet
63Kb / 12P
   Silicon N-channel dual gate MOS-FET
1999 Aug 11
BF992 NXP-BF992 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF992 JMNIC-BF992 Datasheet
249Kb / 9P
   Silicon N-channel dual gate MOS-FET
BF992 JMNIC-BF992_15 Datasheet
249Kb / 9P
   Silicon N-channel dual gate MOS-FET
BF992_2015 JMNIC-BF992_2015 Datasheet
249Kb / 9P
   Silicon N-channel dual gate MOS-FET
More results

Podobny opis - BF992

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
3SK298 HITACHI-3SK298 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
logo
List of Unclassifed Man...
BF982 ETC-BF982 Datasheet
123Kb / 3P
   SILICON N-CHANNEL DUAL GATE MOS-FET
logo
Hitachi Semiconductor
3SK322 HITACHI-3SK322 Datasheet
90Kb / 12P
   Silicon N-Channel Dual Gate MOS FET
3SK290 HITACHI-3SK290 Datasheet
90Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
3SK194 HITACHI-3SK194 Datasheet
37Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
NXP Semiconductors
BF981 PHILIPS-BF981 Datasheet
27Kb / 1P
   SILICON N-CHANNEL DUAL GATE MOS-FET
December 1990
logo
Renesas Technology Corp
3SK296 RENESAS-3SK296 Datasheet
190Kb / 8P
   Silicon N-Channel Dual Gate MOS FET
3SK297 RENESAS-3SK297 Datasheet
196Kb / 9P
   Silicon N-Channel Dual Gate MOS FET
logo
Hitachi Semiconductor
3SK295 HITACHI-3SK295 Datasheet
51Kb / 10P
   Silicon N-Channel Dual Gate MOS FET
3SK186 HITACHI-3SK186 Datasheet
31Kb / 6P
   Silicon N-Channel Dual Gate MOS FET
3SK297 HITACHI-3SK297 Datasheet
54Kb / 11P
   Silicon N-Channel Dual Gate MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com