Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM89516 Arkusz danych(PDF) 11 Page - SyncMOS Technologies,Inc

Numer części SM89516
Szczegółowy opis  8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516 Arkusz danych(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM89516 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM89516 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SyncMOS Technologies International, Inc.
SM89516
8-Bits Micro-controller
With 64KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89516 08/2006
11
AC Characteristics
(16/25MHz, operating conditions; CL for Port 0, ALE and PSEN Outputs=100pF; CL for all Other Output=80pF)
fosc=16MHz
Variable fosc
Symbol
Parameter
Valid Cycle
Min. Typ. Max
Min.
Typ.
Max
Unit
Remarks
T LHLL
ALE pulse width
RD/WRT
115
2xT - 10
nS
T AVLL
Address Valid to ALE low
RD/WRT
43
T - 20
nS
T LLAX
Address Hold after ALE low
RD/WRT
53
T - 10
nS
T LLIV
ALE low to Valid Instruction In
RD
240
4xT - 10
nS
T LLPL
ALE low to #PSEN low
RD
53
T - 10
nS
T PLPH
#PSEN pulse width
RD
173
3xT - 15
nS
T PLIV
#PSEN low to Valid Instruction In
RD
177
3xT - 10
nS
T PXIX
Instruction Hold after #PSEN
RD
0
0
nS
T PXIZ
Instruction Float after #PSEN
RD
87
T + 25
nS
T AVIV
Address to Valid Instruction In
RD
292
5xT -20
nS
T PLAZ
#PSEN low to Address Float
RD
10
10
nS
T RLRH
#RD pulse width
RD
365
6xT - 10
nS
T WLWH
#WR pulse width
WRT
365
6xT - 10
nS
T RLDV
#RD low to Valid Data In
RD
302
5xT - 10
nS
T RHDX
Data Hold after #RD
RD
0
0
nS
T RHDZ
Data Float after #RD
RD
145
2xT+20
nS
T LLDV
ALE low to Valid Data In
RD
590
8xT - 10
nS
T AVDV
Address to Valid Data In
RD
542
9xT - 20
nS
T LLYL
ALE low to #WR High or #RD low
RD/WRT
178
197 3xT - 10
3xT+10
nS
T AVYL
Address Valid to #WR or #RD low
RD/WRT
230
4xT - 20
nS
T QVWH
Data Valid to #WR High
WRT
403
7xT - 35
nS
T QVWX
Data Valid to #WR transition
WRT
38
T - 25
nS
T WHQX
Data hold after #WR
WRT
73
T + 10
nS
T RLAZ
#RD low to Address Float
RD
5
nS
T YALH
#WR or #RD high to ALE high
RD/WRT
53
72
T -10
T + 10
nS
T CHCL
clock fall time
nS
T CLCX
clock low time
nS
T CLCH
clock rise time
nS
T CHCX
clock high time
nS
T, TCLCL
clock period
63
1/fosc
nS


Podobny numer części - SM89516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
More results

Podobny opis - SM89516

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com