Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM89516A Arkusz danych(PDF) 9 Page - SyncMOS Technologies,Inc

Numer części SM89516A
Szczegółowy opis  8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516A Arkusz danych(HTML) 9 Page - SyncMOS Technologies,Inc

Back Button SM89516A_06 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM89516A_06 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516A_06 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516A_06 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516A_06 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516A_06 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516A_06 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89516A_06 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89516A_06 Datasheet HTML 13Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SyncMOS Technologies International, Inc.
SM89516A
8-Bits Micro-controller
With 64KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89516A 08/2006
9
3.Watch Dog Timer
The Watch Dog Timer (WDT) is a 16-bit free-running counter that generate reset signal if the counter overflows. The
WDT is useful for systems which are susceptible to noise, power glitches, or electronics discharge which causing
software dead loop or runaway. The WDT function can help user software recover from abnormal software condition.
The WDT is different from Timer0, Timer1 and Timer2 of general 8052. To prevent a WDT reset can be done by
software periodically clearing the WDT counter. User should check WDR bit of SCONF register whenever un-predicted
reset happened
The purpose of the secure procedure is to prevent the WDTC value from being changed when system runaway.
There is a 250KHz RC oscillator embedded in chip. Set WDTE = “1” will enable the RC oscillator and the frequency is
independent to the system frequency.
To enable the WDT is done by setting 1 to the bit 7 (WDTE) of WDTC. After WDTE set to 1, the 16-bit counter starts to
count with the RC oscillator. It will generate a reset signal when overflows. The WDTE bit will be cleared to 0
automatically when SM8958A been reset, either hardware reset or WDT reset.
To reset the WDT is done by setting 1 to the CLEAR bit of WDTC before the counter overflow. This will clear the
content of the 16-bit counter and let the counter re-start to count from the beginning.
3.1 Watch Dog Timer Registers:
Watch Dog Timer Registers - WDT Control Register (WDTC, $9F)
bit-7
bit-0
WDTE
R
Clear
Unused
Unused
PS2
PS1
PS0
Read / Write:
R/W
-
R/W
-
-
R/W
R/W
R/W
Reset value:
0
*
0
*
*
0
0
0
WDTE : Watch Dog Timer enable bit
CLEAR : Watch Dog Timer reset bit
PS[2:0] : Overflow period select bits
PS [2:0]
Overflow Period (ms)
000
2.048
001
4.096
010
8.192
011
16.384
100
32.768
101
65.536
110
131.072
111
262.144


Podobny numer części - SM89516A_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AC40 SYNCMOS-SM89516AC40 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM89516AL25 SYNCMOS-SM89516AL25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results

Podobny opis - SM89516A_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com