Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM89516AC25 Arkusz danych(PDF) 11 Page - SyncMOS Technologies,Inc

Numer części SM89516AC25
Szczegółowy opis  8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SYNCMOS [SyncMOS Technologies,Inc]
Strona internetowa  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516AC25 Arkusz danych(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM89516AC25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516AC25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516AC25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516AC25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516AC25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89516AC25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89516AC25 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM89516AC25 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM89516AC25 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SyncMOS Technologies International, Inc.
SM89516A
8-Bits Micro-controller
With 64KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89516A 08/2006
11
5.2 SPWM Registers - P1CON, SPWMC, SPWMD[4:0]
SPWM Registers - Port1 Configuration Register (P1CON, $9B)
bit-7
bit-0
SPWME4 SPWME3 SPWME2 SPWME1 SPWME0
Unused
Unused
Unused
Read / Write:
R/W
R/W
R/W
R/W
R/W
-
-
-
Reset value:
0
0
0
0
0
*
*
*
SPWME[4:0] : When the bit set to one, the corresponding SPWM pin is active as SPWM function. When the bit reset to
zero, the corresponding SPWM pin is active as I/O pin. Five bits are cleared upon reset.
SPWM Registers -SPWM Control Register (SPWMC, $A3)
bit-7
bit-0
Unused
Unused
Unused
Unused
Unused
Unused
SPFS1
SPFS0
Read / Write:
-
-
-
-
-
-
R/W
R/W
Reset value:
*
*
*
*
*
*
0
0
SPFS[1:0] : These two bits is 2’s power parameter to form a frequency divider for input clock.
SPFS1
SPFS0
Divider
SPWM clock, Fosc=20MHz
SPWM clock, Fosc=24MHz
0
0
2
10MHz
12MHz
0
1
4
5MHz
6MHz
1
0
8
2.5MHz
3MHz
1
1
16
1.25MHz
1.5MHz
SPWM Registers -SPWM Data Register (SPWMD[4:0], $AC, $A7 ~$A4)
bit-7
bit-0
SPWMD
[4:0]4
SPWMD
[4:0]3
SPWMD
[4:0]2
SPWMD
[4:0]1
SPWMD
[4:0]0
BRM
[2:0]2
BRM
[2:0]1
BRM
[2:0]0
Read / Write:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset value:
0
0
0
0
0
0
0
0
SPWMD[4:0] : content of SPWM Data Register. It determines duty cycle of SPWM output waveform.
BRM[2:0] : will insert certain narrow pulses among an 8-SPWM-cycle frame


Podobny numer części - SM89516AC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89516AC25 SYNCMOS-SM89516AC25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results

Podobny opis - SM89516AC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com