Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BF1100 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części BF1100
Szczegółowy opis  Dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1100 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button BF1100 Datasheet HTML 2Page - NXP Semiconductors BF1100 Datasheet HTML 3Page - NXP Semiconductors BF1100 Datasheet HTML 4Page - NXP Semiconductors BF1100 Datasheet HTML 5Page - NXP Semiconductors BF1100 Datasheet HTML 6Page - NXP Semiconductors BF1100 Datasheet HTML 7Page - NXP Semiconductors BF1100 Datasheet HTML 8Page - NXP Semiconductors BF1100 Datasheet HTML 9Page - NXP Semiconductors BF1100 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NXP Semiconductors
Product specification
Dual-gate MOS-FETs
BF1100; BF1100R
Fig.7 Output characteristics; typical values.
VG2-S =4V.
Tj =25 °C.
handbook, halfpage
0
20
16
4
8
12
0
416
MLD159
812
I D
(mA)
V
(V)
DS
1.3 V
1.2 V
1.1 V
1.0 V
0.9 V
V
= 1.4 V
G1 S
Fig.8 Transfer characteristics; typical values.
VDS = 9 to 12 V.
Tj =25 °C.
handbook, halfpage
0
20
16
4
8
12
0
0.4
2.0
MLD160
0.8
1.2
1.6
I D
(mA)
V
(V)
G1 S
V
= 4 V
2.5 V
2 V
1.5 V
1 V
G2 S
3 V
Fig.9
Gate 1 current as a function of gate 1
voltage; typical values.
VDS = 9 to 12 V.
Tj =25 °C.
handbook, halfpage
01
23
250
200
150
50
0
100
MLD161
I G1
(
µA)
V
(V)
G1 S
3 V
2.5 V
2 V
3.5 V
V
= 4 V
G2 S
Fig.10 Forward transfer admittance as a function
of drain current; typical values.
VDS = 9 to 12 V.
Tj =25 °C.
handbook, halfpage
0
40
20
30
10
0
10
20
30
MLD162
y fs
(mS)
I
(mA)
D
3 V
2.5 V
2 V
V
= 4 V
G2 S
3.5 V
Rev. 02 - 13 November 2007
6 of 15


Podobny numer części - BF1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF1100 PHILIPS-BF1100 Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
BF1100R PHILIPS-BF1100R Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

Podobny opis - BF1100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BF908 PHILIPS-BF908 Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
BF908 NXP-BF908 Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
BF1100 PHILIPS-BF1100 Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF1100 JMNIC-BF1100_15 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
BF1100_2015 JMNIC-BF1100_2015 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com