Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA201-800E Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części BTA201-800E
Szczegółowy opis  1 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201-800E Arkusz danych(HTML) 2 Page - NXP Semiconductors

  BTA201-800E Datasheet HTML 1Page - NXP Semiconductors BTA201-800E Datasheet HTML 2Page - NXP Semiconductors BTA201-800E Datasheet HTML 3Page - NXP Semiconductors BTA201-800E Datasheet HTML 4Page - NXP Semiconductors BTA201-800E Datasheet HTML 5Page - NXP Semiconductors BTA201-800E Datasheet HTML 6Page - NXP Semiconductors BTA201-800E Datasheet HTML 7Page - NXP Semiconductors BTA201-800E Datasheet HTML 8Page - NXP Semiconductors BTA201-800E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BTA201_SER_B_E_ER_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
2 of 12
NXP Semiconductors
BTA201 series B, E and ER
1 A Three-quadrant triacs high commutation
3.
Ordering information
4.
Limiting values
[1]
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state. The
rate of rise of current should not exceed 6 A/
µs.
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BTA201-600B
TO-92
plastic single-ended leaded (through hole) package; 3 leads
SOT54
BTA201-600E
BTA201-800B
BTA201-800E
BTA201-800ER
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
BTA201-600B
[1] -
600
V
BTA201-600E
[1] -
600
V
BTA201-800B
-
800
V
BTA201-800E
-
800
V
BTA201-800ER
-
800
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 54.3 °C; see
Figure 4 and 5
-1
A
ITSM
non-repetitive peak on-state current
full sine wave; Tj =25 °C prior to
surge; see Figure 2 and 3
t = 20 ms
-
12.5
A
t = 16.7 ms
-
13.7
A
I2tI2t for fusing
t = 10 ms
-
0.78
A2s
dIT/dt
rate of rise of on-state current
ITM = 1.5 A; IG = 0.2 A;
dIG/dt = 0.2 A/µs
-
100
A/
µs
IGM
peak gate current
-
2
A
PGM
peak gate power
-
5
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
125
°C


Podobny numer części - BTA201-800E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA201-800E PHILIPS-BTA201-800E Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201-800E NXP-BTA201-800E Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
logo
WeEn Semiconductors
BTA201-800E WEEN-BTA201-800E Datasheet
267Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA201-800ER PHILIPS-BTA201-800ER Datasheet
72Kb / 12P
   Triacs logic level
Rev. 02-13 January 2006
BTA201-800ER NXP-BTA201-800ER Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
More results

Podobny opis - BTA201-800E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA201W NXP-BTA201W Datasheet
80Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 02-17 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com