Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA201W-800E Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części BTA201W-800E
Szczegółowy opis  1 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201W-800E Arkusz danych(HTML) 1 Page - NXP Semiconductors

  BTA201W-800E Datasheet HTML 1Page - NXP Semiconductors BTA201W-800E Datasheet HTML 2Page - NXP Semiconductors BTA201W-800E Datasheet HTML 3Page - NXP Semiconductors BTA201W-800E Datasheet HTML 4Page - NXP Semiconductors BTA201W-800E Datasheet HTML 5Page - NXP Semiconductors BTA201W-800E Datasheet HTML 6Page - NXP Semiconductors BTA201W-800E Datasheet HTML 7Page - NXP Semiconductors BTA201W-800E Datasheet HTML 8Page - NXP Semiconductors BTA201W-800E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Passivated guaranteed commutation triacs in a surface-mounted plastic package,
intended for interfacing with low-power drivers, including microcontrollers.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
BTA201W series E
1 A Three-quadrant triacs high commutation
Rev. 02 — 17 September 2007
Product data sheet
I Suitable for interfacing with low-power
drivers, including microcontrollers
I SOT223 surface mounted
I Motor control
I Solenoid drivers
I ITSM ≤ 12.5 A
I IT(RMS) ≤ 1A
I VDRM ≤ 600 V (BTA201W-600E)
I IGT ≤ 10 mA
I VDRM ≤ 800 V (BTA201W-800E)
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
main terminal 1 (T1)
SOT223
2
main terminal 2 (T2)
3
gate (G)
4
main terminal 2 (T2)
13
2
4
sym051
T1
G
T2


Podobny numer części - BTA201W-800E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA201W-800E NXP-BTA201W-800E Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
More results

Podobny opis - BTA201W-800E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com