Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KRA011 Arkusz danych(PDF) 1 Page - Kingbright Corporation

Numer części KRA011
Szczegółowy opis  SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KRA011 Arkusz danych(HTML) 1 Page - Kingbright Corporation

  KRA011 Datasheet HTML 1Page - Kingbright Corporation KRA011 Datasheet HTML 2Page - Kingbright Corporation KRA011 Datasheet HTML 3Page - Kingbright Corporation KRA011 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAE2700
REV NO: V.4
DATE: JUL/30/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: W.J.ZHU
ERP: 1206000015
Part NO. :KRA011
UNIT : MM[INCH]
TOLERANCE
: ±0.25[±0.01] UNLESS OTHERWISE NOTED.
*Features
1.Ultra-compact.
2.PWB mounting type package.
3.High sensing accuracy (Slit width:0.4mm).
4.Gap between light emitter and detector:2mm.
5.RoHS Compliant.
SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
*Applications
Cassette tape recorders,VCRs.
Floppy disk drives.
Various microcomputerized control equipment.
*Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6
V
Power dissipation
Pd
75
mW
Peak Forward Current (Pulse Width
<100uS,Duty Cycle=1%)
IFP
1
A
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6
V
Collector current
IC
20
mA
Collector power dissipation
PC
75
mW
Operating Temperature
Topr
-25~+85
°C
Storage Temperature
Tstg
-40~+100
°C
Tsol
260
°C
Soldering Temperature (1/16 inch from body for 5 seconds)


Podobny numer części - KRA011

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KRA-16 ETC2-KRA-16 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KRA-17 ETC2-KRA-17 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KRA-22 ETC2-KRA-22 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KRA-23 ETC2-KRA-23 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KRA-26 ETC2-KRA-26 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
More results

Podobny opis - KRA011

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sharp Corporation
GP1L21 SHARP-GP1L21 Datasheet
59Kb / 4P
   Subminiature, High Sensitivity Photointerrupter
GP1L27 SHARP-GP1L27 Datasheet
53Kb / 4P
   Subminiature, High Sensitivity Photointerrupter
GP2L22 SHARP-GP2L22 Datasheet
47Kb / 4P
   Subminiature, High Sensitivity Photointerrupter
logo
Kingbright Corporation
ATIR0811S KINGBRIGHT-ATIR0811S Datasheet
200Kb / 5P
   SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
logo
Sharp Corporation
GP2L09 SHARP-GP2L09 Datasheet
72Kb / 6P
   Subminiature, High Sensitivity Photointerrupter
logo
Kingbright Corporation
ATIR0711S KINGBRIGHT-ATIR0711S Datasheet
173Kb / 5P
   SUBMINIATURE, HIGH SENSITIVITY PHOTOINTERRUPTER
logo
Sharp Corporation
GP1L50 SHARP-GP1L50 Datasheet
73Kb / 5P
   High Sensitivity Photointerrupter
GP1L55 SHARP-GP1L55 Datasheet
51Kb / 4P
   High Sensitivity Photointerrupter
logo
Unity Opto Technology
MIR-3301 UOT-MIR-3301 Datasheet
55Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
MIT-4A11A UOT-MIT-4A11A Datasheet
49Kb / 3P
   SUBMINIATURE PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com