Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G125GF Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LVC1G125GF
Szczegółowy opis  Bus buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G125GF Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G125GF Datasheet HTML 2Page - NXP Semiconductors 74LVC1G125GF Datasheet HTML 3Page - NXP Semiconductors 74LVC1G125GF Datasheet HTML 4Page - NXP Semiconductors 74LVC1G125GF Datasheet HTML 5Page - NXP Semiconductors 74LVC1G125GF Datasheet HTML 6Page - NXP Semiconductors 74LVC1G125GF Datasheet HTML 7Page - NXP Semiconductors 74LVC1G125GF Datasheet HTML 8Page - NXP Semiconductors 74LVC1G125GF Datasheet HTML 9Page - NXP Semiconductors 74LVC1G125GF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74LVC1G125_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 30 August 2007
6 of 16
NXP Semiconductors
74LVC1G125
Bus buffer/line driver; 3-state
[1]
All typical values are measured at VCC = 3.3 V and Tamb =25 °C.
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65
× V
CC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VCC = 4.5 V to 5.5 V
0.7
× V
CC
--
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3
× V
CC
V
VOL
LOW-level output voltage
VI =VIH or VIL
VCC = 1.65 V to 5.5 V; IO = 100 µA
-
-
0.1
V
VCC = 1.65 V; IO = 4 mA
-
-
0.70
V
VCC = 2.3 V; IO = 8 mA
-
-
0.45
V
VCC = 2.7 V; IO = 12 mA
-
-
0.60
V
VCC = 3.0 V; IO = 24 mA
-
-
0.80
V
VCC = 4.5 V; IO = 32 mA
-
-
0.80
V
VOH
HIGH-level output voltage VI =VIH or VIL
VCC = 1.65 V to 5.5 V; IO = −100 µAVCC − 0.1
-
-
V
VCC = 1.65 V; IO = −4 mA
0.95
-
-
V
VCC = 2.3 V; IO = −8 mA
1.7
-
-
V
VCC = 2.7 V; IO = −12 mA
1.9
-
-
V
VCC = 3.0 V; IO = −24 mA
2.0
-
-
V
VCC = 4.5 V; IO = −32 mA
3.4
-
-
V
II
input leakage current
VCC = 0 V to 5.5 V; VI = 5.5 V or GND
-
-
±100
µA
IOZ
OFF-state output current
VCC = 3.6 V; VI = VIH or VIL;
VO = 5.5 V or GND
--
±200
µA
IOFF
power-off leakage current VCC = 0 V; VI or VO = 5.5 V
-
-
±200
µA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65 V to 5.5 V; IO =0A
-
-
200
µA
∆ICC
additional supply current
per pin; VCC = 2.3 V to 5.5 V;
VI =VCC − 0.6 V; IO = 0 A
-
-
5000
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit


Podobny numer części - 74LVC1G125GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G125GF NXP-74LVC1G125GF Datasheet
156Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 9-29 December 2010
74LVC1G125GF PHILIPS-74LVC1G125GF Datasheet
134Kb / 19P
   Bus buffer/line driver; 3-state
Rev. 10-7 December 2011
74LVC1G125GF PHILIPS-74LVC1G125GF Datasheet
374Kb / 20P
   Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
74LVC1G125GF NXP-74LVC1G125GF Datasheet
369Kb / 20P
   Bus buffer/line driver; 3-state
Rev. 11-2 July 2012
More results

Podobny opis - 74LVC1G125GF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 15
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
   Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
   Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
   Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
   Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
   Bus buffer/line driver; 3-state
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
   BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
   Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
   Bus buffer/line driver; 3-state
2002 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com