Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC2G02GT Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74LVC2G02GT
Szczegółowy opis  Dual 2-input NOR gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G02GT Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC2G02GT Datasheet HTML 3Page - NXP Semiconductors 74LVC2G02GT Datasheet HTML 4Page - NXP Semiconductors 74LVC2G02GT Datasheet HTML 5Page - NXP Semiconductors 74LVC2G02GT Datasheet HTML 6Page - NXP Semiconductors 74LVC2G02GT Datasheet HTML 7Page - NXP Semiconductors 74LVC2G02GT Datasheet HTML 8Page - NXP Semiconductors 74LVC2G02GT Datasheet HTML 9Page - NXP Semiconductors 74LVC2G02GT Datasheet HTML 10Page - NXP Semiconductors 74LVC2G02GT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
74LVC2G02_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 4 September 2007
7 of 15
NXP Semiconductors
74LVC2G02
Dual 2-input NOR gate
11. Dynamic characteristics
[1]
Typical values are measured at nominal VCC and at Tamb =25 °C.
[2]
tpd is the same as tPLH and tPHL
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD = CPD × VCC2 × fi × N + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of outputs.
12. Waveforms
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground 0 V); for test circuit see Figure 8.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA, nB to nY; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.2
3.8
8.9
1.2
11.2
ns
VCC = 2.3 V to 2.7 V
0.8
2.4
5.4
0.8
6.8
ns
VCC = 2.7 V
0.8
3.2
6.0
0.8
7.5
ns
VCC = 3.0 V to 3.6 V
0.6
2.4
4.9
0.6
6.2
ns
VCC = 4.5 V to 5.5 V
0.6
1.8
4.3
0.6
5.5
ns
CPD
power dissipation
capacitance
per gate; VI = GND to VCC
[3]
-14
-
-
-
pF
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 7.
Input (nA, nB) to output (nY) propagation delays
001aae972
nA, nB input
nY output
tPLH
tPHL
GND
VI
VM
VM
VOH
VOL


Podobny numer części - 74LVC2G02GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC2G02GT NXP-74LVC2G02GT Datasheet
102Kb / 16P
   Dual 2-input NOR gate
Rev. 07-6 June 2008
logo
Nexperia B.V. All right...
74LVC2G02GT NEXPERIA-74LVC2G02GT Datasheet
268Kb / 17P
   Dual 2-input NOR gate
Rev. 14 - 21 July 2021
More results

Podobny opis - 74LVC2G02GT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
   Dual 2-input NOR Gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
   Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
   Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
   DUAL 2-INPUT NOR GATE
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
   Dual 2-Input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
   DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
   Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
   Dual 2-input NOR gate
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02 Datasheet
55Kb / 6P
   Dual 2-Input NOR Gate
March, 2004 ??Rev. 6
logo
Diodes Incorporated
74LVC2G02 DIODES-74LVC2G02 Datasheet
509Kb / 11P
   DUAL 2-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com