Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC2G14 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LVC2G14
Szczegółowy opis  Dual inverting Schmitt trigger with 5 V tolerant input
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC2G14 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC2G14 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G14 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC2G14_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 4 September 2007
6 of 17
NXP Semiconductors
74LVC2G14
Dual inverting Schmitt trigger with 5 V tolerant input
[1]
All typical values are measured at maximum VCC and Tamb = 25 °C.
[1]
All typical values are measured at Tamb = 25 °C
IOFF
power-off leakage current
VI or VO = 5.5 V; VCC = 0 V
-
-
±20
µA
ICC
supply current
VI = 5.5 V or GND;
VCC = 1.65 V to 5.5 V; IO =0A
--
40
µA
∆ICC
additional supply current
VI = VCC − 0.6 V; IO = 0 A;
VCC = 2.3 V to 5.5 V
-
-
5000
µA
Table 7.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ [1]
Max
Unit
Table 8.
Transfer characteristics
Voltages are referenced to GND (ground=0V; for test circuit see Figure 8
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
VT+
positive-going
threshold voltage
see Figure 9 and Figure 10
VCC = 1.8 V
0.70
1.10
1.50
0.70
1.70
V
VCC = 2.3 V
1.00
1.40
1.80
1.00
2.00
V
VCC = 3.0 V
1.30
1.76
2.20
1.30
2.40
V
VCC = 4.5 V
1.90
2.47
3.10
1.90
3.30
V
VCC = 5.5 V
2.20
2.91
3.60
2.20
3.80
V
VT−
negative-going
threshold voltage
see Figure 9 and Figure 10
VCC = 1.8 V
0.25
0.61
0.90
0.25
1.10
V
VCC = 2.3 V
0.40
0.80
1.15
0.40
1.35
V
VCC = 3.0 V
0.60
1.04
1.50
0.60
1.70
V
VCC = 4.5 V
1.00
1.55
2.00
1.00
2.20
V
VCC = 5.5 V
1.20
1.86
2.30
1.20
2.50
V
VH
hysteresis voltage
(VT+ − VT−); see Figure 9,
Figure 10 and Figure 11
VCC = 1.8 V
0.15
0.49
1.00
0.15
1.20
V
VCC = 2.3 V
0.25
0.60
1.10
0.25
1.30
V
VCC = 3.0 V
0.40
0.73
1.20
0.40
1.40
V
VCC = 4.5 V
0.60
0.92
1.50
0.60
1.70
V
VCC = 5.5 V
0.70
1.02
1.70
0.70
1.90
V


Podobny numer części - 74LVC2G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
Nexperia B.V. All right...
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
   Dual inverting Schmitt trigger with 5 V tolerant input
logo
Diodes Incorporated
74LVC2G14DW DIODES-74LVC2G14DW Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
More results

Podobny opis - 74LVC2G14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC2G14 PHILIPS-74LVC2G14 Datasheet
97Kb / 17P
   Dual inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
logo
Nexperia B.V. All right...
74LVC2G14-Q100 NEXPERIA-74LVC2G14-Q100 Datasheet
238Kb / 16P
   Dual inverting Schmitt trigger with 5 V tolerant input
74LVC2G14 NEXPERIA-74LVC2G14 Datasheet
266Kb / 17P
   Dual inverting Schmitt trigger with 5 V tolerant input
Rev. 13 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17GW-G NXP-74LVC2G17GW-G Datasheet
205Kb / 19P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 8-2 May 2013
logo
Nexperia B.V. All right...
74LVC2G17 NEXPERIA-74LVC2G17 Datasheet
258Kb / 17P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 11 - 24 January 2022
74LVC2G17-Q100 NEXPERIA-74LVC2G17-Q100 Datasheet
225Kb / 13P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 5 - 24 January 2022
logo
NXP Semiconductors
74LVC2G17-Q100 NXP-74LVC2G17-Q100 Datasheet
120Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 1-7 August 2012
74LVC2G17 NXP-74LVC2G17 Datasheet
98Kb / 16P
   Dual non-inverting Schmitt trigger with 5 V tolerant input
Rev. 04-9 October 2006
logo
Integrated Circuit Syst...
74LVC2G17 ICST-74LVC2G17 Datasheet
84Kb / 16P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
logo
NXP Semiconductors
74LVC2G17 PHILIPS-74LVC2G17 Datasheet
96Kb / 17P
   Dual non-inverting Schmitt-trigger with 5 V tolerant input
2004 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com