Zakładka z wyszukiwarką danych komponentów |
|
ADS6244IRGZTG4 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
ADS6244IRGZTG4 Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 76 page www.ti.com ABSOLUTE MAXIMUM RATINGS (1) ADS6245, ADS6244 ADS6243, ADS6242 SLAS542A – MAY 2007 – REVISED JULY 2007 PACKAGE/ORDERING INFORMATION(1) SPECIFIED TRANSPORT MEDIA, PACKAGE PACKAGE PRODUCT PACKAGE-LEAD TEMPERATURE ORDERING NUMBER QUANTITY DESIGNATOR MARKING RANGE ADS6245IRGZT 250, Tape/reel ADS6245 QFN-48(2) RGZ –40 °C to 85°C AZ6245 ADS6245IRGZR 2500, Tape/reel ADS6244IRGZT 250, Tape/reel ADS6244 QFN-48(2) RGZ –40 °C to 85°C AZ6244 ADS6244IRGZR 2500, Tape/reel ADS6243IRGZT 250, Tape/reel ADS6243 QFN-48(2) RGZ –40 °C to 85°C AZ6243 ADS6243IRGZR 2500, Tape/reel ADS6242IRGZT 250, Tape/reel ADS6242 QFN-48(2) RGZ –40 °C to 85°C AZ6242 ADS6242IRGZR 2500, Tape/reel (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) For thermal pad size on the package, see the mechanical drawings at the end of this data sheet. θJA = 23.17 °C/W (0 LFM air flow), θJC = 22.1 °C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard four layer 3 in. x 3 in. PCB. VALUE UNIT AVDD Supply voltage range –0.3 to 3.9 V LVDD Supply voltage range –0.3 to 3.9 V Voltage between AGND and DGND –0.3 to 0.3 V Voltage between AVDD to LVDD –0.3 to 3.3 V Voltage applied to external pin, VCM –0.3 to 2.0 V Voltage applied to analog input pins –0.3V to minimum ( 3.6, AVDD + 0.3V) V TA Operating free-air temperature range –40 to 85 °C TJ Operating junction temperature range 125 °C Tstg Storage temperature range –65 to 150 °C Lead temperature 1,6 mm (1/16") from the case for 10 seconds 220 °C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): ADS6245 ADS6244 ADS6243 ADS6242 |
Podobny numer części - ADS6244IRGZTG4 |
|
Podobny opis - ADS6244IRGZTG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |