Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST7PLITEUS5U6TR Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części ST7PLITEUS5U6TR
Szczegółowy opis  8-bit MCU with single voltage Flash memory, ADC, timers
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7PLITEUS5U6TR Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button ST7PLITEUS5U6TR Datasheet HTML 2Page - STMicroelectronics ST7PLITEUS5U6TR Datasheet HTML 3Page - STMicroelectronics ST7PLITEUS5U6TR Datasheet HTML 4Page - STMicroelectronics ST7PLITEUS5U6TR Datasheet HTML 5Page - STMicroelectronics ST7PLITEUS5U6TR Datasheet HTML 6Page - STMicroelectronics ST7PLITEUS5U6TR Datasheet HTML 7Page - STMicroelectronics ST7PLITEUS5U6TR Datasheet HTML 8Page - STMicroelectronics ST7PLITEUS5U6TR Datasheet HTML 9Page - STMicroelectronics ST7PLITEUS5U6TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
ST7LITEUSx
6/108
PIN DESCRIPTION (Cont’d)
Figure 4. 16-pin package pinout (For development or tool prototyping purposes only. Package not
orderable in production quantities.)
Notes:
The differences versus the 8-pin packages are list-
ed below:
1. The ICC signals (ICCCLK and ICCDATA) are
mapped on dedicated pins.
2. The RESET signal is mapped on a dedicated
pin. It is not multiplexed with PA3.
3. PA3 pin is always configured as output. Any
change on multiplexed IO reset control registers
(MUXCR1 and MUXCR2) will have no effect on
PA3 functionality. Refer to “REGISTER DESCRIP-
TION” on page 24.
Reserved 1)
VDD
ICCCLK
NC
VSS
PA1 (HS) / AIN1
PA0 (HS) / AIN0 / ATPWM
RESET
1
2
3
4
16
15
14
13
ei4
ei3
ei1
ei0
PA5 (HS) / AIN4 / CLKIN
PA4 (HS) / AIN3
NC
NC
ICCDATA
NC
PA2 (HS) / LTIC / AIN2
PA3
5
7
6
8
12
11
10
9
Note 1: must be tied to ground
ei2
1


Podobny numer części - ST7PLITEUS5U6TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST7PLITEU05B3 STMICROELECTRONICS-ST7PLITEU05B3 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7PLITEU05B6 STMICROELECTRONICS-ST7PLITEU05B6 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7PLITEU05M3 STMICROELECTRONICS-ST7PLITEU05M3 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7PLITEU05M3TR STMICROELECTRONICS-ST7PLITEU05M3TR Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7PLITEU05M6 STMICROELECTRONICS-ST7PLITEU05M6 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results

Podobny opis - ST7PLITEUS5U6TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST7LITEU05 STMICROELECTRONICS-ST7LITEU05 Datasheet
2Mb / 115P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com