Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8135B Arkusz danych(PDF) 11 Page - Nippon Precision Circuits Inc

Numer części SM8135B
Szczegółowy opis  White LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8135B Arkusz danych(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8135B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8135B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8135B Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8135B Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8135B Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8135B Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8135B Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8135B Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8135B Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SM8135B
SEIKO NPC CORPORATION —11
Mode Reset Function
VF increases immediately after the LED current starts to flow, and then decreases as the LED temperature
increases due to the heating effect of the current flow. It can take about 10 seconds for the LED temperature to
stabilize and for VF to reach equilibrium, and VF may fluctuate more than 200mV. The VF fluctuation is
affected by the ambient temperature and LED current setting, and has a large affect on the automatic mode
switching voltage tolerances. To counter the effects of VF fluctuation, the SM8135B outputs a mode reset sig-
nal once every 1.0 seconds which automatically switches the output mode to
×1.0, and then a determination is
made whether to make the
×1.0 → ×1.5 mode switch.
(1) Mode reset signal is output once every 1.0 seconds.
(2) Mode switches from
×1.5 to ×1.0 mode on the rising edge of the mode reset signal.
(3) A 200
µs (max) mode hold time begins after switching to ×1.0 mode. LED drive current insufficient state is
detected but the mode is not switched during this interval.
(4) LED drive current insufficient signal is ignored during the mode hold time, but normal mode switching
operation resumes when the mode hold time elapses.
Switching from
×1.5 mode to ×1.0 mode due to mode reset signal
Mode hold
L: hold
VOUT output voltage
ILED detector
Mode reset
1.0sec/cycle
1.0 mode
min 80
µs
max 200
µs
ILED detector
ignore
4.9V
VOUT mode
(1)
(2)
(3)
(4)
1.5 mode
1.5 mode


Podobny numer części - SM8135B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8135AB NPC-SM8135AB Datasheet
157Kb / 20P
   White LED Driver IC
More results

Podobny opis - SM8135B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com