Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC7410VU450NE Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc

Numer części MC7410VU450NE
Szczegółowy opis  MPC7410 RISC Microprocessor Hardware Specifications Addendum
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7410VU450NE Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc

  MC7410VU450NE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7410VU450NE Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series, Rev. 2.0
4
Freescale Semiconductor
Features
Table 7 provides the power consumption for the MPC7410 part at the frequencies described herein.
Table 7. Power Consumption for MPC7410
Processor
(CPU)
Frequency
Processor
(CPU)
Frequency
Unit
Notes
400Mhz
450Mhz
Full-On Mode
Typical
Maximum
2.92
3.29
W
1, 3
6.6
7.43
W
1, 2,
Doze Mode
Maximum
3.6
4.1
W
1, 2
Nap Mode
Maximum
1.35
1.5
W
1, 2
Sleep Mode
Maximum
1.3
1.45
W
1, 2
Sleep Mode—PLL and DLL Disabled
Typical
0.6
0.6
W
1, 3
Maximum
1.1
1.1
W
1, 2
Notes:
1. These values apply for all valid processor bus and L2 bus ratios. The values
do not include I/O Supply Power (OVdd and L2OVdd) or PLL/DLL supply
power (AVdd and L2AVdd). OVdd and L2OVdd power is system dependent,
but is typically <10% of Vdd power. Worst case power consumption for AVdd
= 15 mw and L2AVdd = 15 mW.
2. Maximum power is measured at 105 °C and Vdd = 1.5V while running an
entirely cache-resident, contrived sequence of instructions which keep the
execution units, including AltiVec, maximally busy.
3. Typical power is an average value measured at 65 °C and Vdd = 1.5V in a
system while running typical benchmarks.


Podobny numer części - MC7410VU450NE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC7410VU450NE NXP-MC7410VU450NE Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
More results

Podobny opis - MC7410VU450NE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MPC7410EC NXP-MPC7410EC Datasheet
1Mb / 56P
   MPC7410 RISC Microprocessor Hardware Specifications
Rev. 6.1, 11/2007
logo
Freescale Semiconductor...
MPC7410HX500LE FREESCALE-MPC7410HX500LE Datasheet
870Kb / 56P
   MPC7410 RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7410ECS05AD NXP-MPC7410ECS05AD Datasheet
155Kb / 12P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410RXnnnPE Series
Rev. 1.1, 04/2005
MPC7410ECS02AD NXP-MPC7410ECS02AD Datasheet
501Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410xxnnnNE Series
Rev. 2.0, 11/2007
MPC7410ECS07AD NXP-MPC7410ECS07AD Datasheet
477Kb / 6P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnNE Series
Rev. 2, 11/2010
MPC7410ECS08AD NXP-MPC7410ECS08AD Datasheet
463Kb / 5P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series
Rev. 1, 11/2010
MPC7410ECS06AD NXP-MPC7410ECS06AD Datasheet
119Kb / 8P
   MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TRXnnnLE Series
Rev. 1.1, 04/2005
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_10 Datasheet
455Kb / 6P
   RISC Microprocessor Hardware Specifications Addendum
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com