Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CBTLV16210GR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CBTLV16210GR
Szczegółowy opis  LOW-VOLTAGE 20-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV16210GR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74CBTLV16210GR Datasheet HTML 1Page - Texas Instruments SN74CBTLV16210GR Datasheet HTML 2Page - Texas Instruments SN74CBTLV16210GR Datasheet HTML 3Page - Texas Instruments SN74CBTLV16210GR Datasheet HTML 4Page - Texas Instruments SN74CBTLV16210GR Datasheet HTML 5Page - Texas Instruments SN74CBTLV16210GR Datasheet HTML 6Page - Texas Instruments SN74CBTLV16210GR Datasheet HTML 7Page - Texas Instruments SN74CBTLV16210GR Datasheet HTML 8Page - Texas Instruments SN74CBTLV16210GR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74CBTLV16210
LOW VOLTAGE 20BIT FET BUS SWITCH
SCDS042J − DECEMBER 1997 − REVISED JULY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D 5-Ω Switch Connection Between Two Ports
D Rail-to-Rail Switching on Data I/O Ports
D Ioff Supports Partial-Power-Down Mode
Operation
description/ordering information
The SN74CBTLV16210 provides 20 bits of
high-speed bus switching. The low on-state
resistance of the switch allows connections to be
made with minimal propagation delay.
The device is organized as dual 10-bit bus
switches with
separate
output-enable
(OE)
inputs. It can be used as two 10-bit bus switches
or as one 20-bit bus switch. When OE is low, the
associated 10-bit bus switch is on, and port A is
connected to port B. When OE is high, the switch
is open, and the high-impedance state exists
between the two ports.
This
device
is
fully
specified
for
partial-power-down applications using Ioff. The Ioff
feature ensures that damaging current will not
backflow through the device when it is powered
down. The device has isolation during power off.
To ensure the high-impedance state during power
up or power down, OE should be tied to VCC
through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking
capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP − DL
Tube
SN74CBTLV16210DL
CBTLV16210
−40
°C to 85°C
SSOP − DL
Tape and reel
SN74CBTLV16210DLR
CBTLV16210
−40 C to 85 C
TVSOP − DGV
Tape and reel
SN74CBTLV16210VR
CN210
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each 10-bit bus switch)
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2004, Texas Instruments Incorporated
DGV OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
NC
1A1
1A2
1A3
1A4
1A5
1A6
GND
1A7
1A8
1A9
1A10
2A1
2A2
VCC
2A3
GND
2A4
2A5
2A6
2A7
2A8
2A9
2A10
1OE
2OE
1B1
1B2
1B3
1B4
1B5
GND
1B6
1B7
1B8
1B9
1B10
2B1
2B2
2B3
GND
2B4
2B5
2B6
2B7
2B8
2B9
2B10
NC − No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.


Podobny numer części - SN74CBTLV16210GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV16210GR TI-SN74CBTLV16210GR Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210GR TI-SN74CBTLV16210GR Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210GR TI-SN74CBTLV16210GR Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
More results

Podobny opis - SN74CBTLV16210GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV16210 TI-SN74CBTLV16210_08 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_09 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861 TI-SN74CBT16861_07 Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBTR16861 TI-SN74CBTR16861 Datasheet
153Kb / 9P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT16210 RENESAS-HD74CBT16210 Datasheet
119Kb / 12P
   20-bit FET Bus Switch
logo
Texas Instruments
SN74CBT16861 TI-SN74CBT16861 Datasheet
66Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16210DGGR TI-SN74CBT16210DGGR Datasheet
382Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com