Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD12S520DBTR Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD12S520DBTR
Szczegółowy opis  SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPD12S520DBTR Arkusz danych(HTML) 5 Page - Texas Instruments

  TPD12S520DBTR Datasheet HTML 1Page - Texas Instruments TPD12S520DBTR Datasheet HTML 2Page - Texas Instruments TPD12S520DBTR Datasheet HTML 3Page - Texas Instruments TPD12S520DBTR Datasheet HTML 4Page - Texas Instruments TPD12S520DBTR Datasheet HTML 5Page - Texas Instruments TPD12S520DBTR Datasheet HTML 6Page - Texas Instruments TPD12S520DBTR Datasheet HTML 7Page - Texas Instruments TPD12S520DBTR Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.ti.com
Electrical Characteristics
TPD12S520
SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
SLVS640 – OCTOBER 2007
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC5V
Operating supply current
5V_SUPPLY = 5 V
110
130
μA
ICCLV
Bias supply current
LV_SUPPLY = 3.3 V
1
5
μA
OFF-state leakage current,
IOFF
LV_SUPPLY = 0 V
0.1
5
μA
level-shifting NFET
TMDS_[2:0]+/–,
TMDS_CK+/–,
Current conducted from output
CE_REMOTE_OUT,
IBACKDRIVE
pins to V_SUPPLY rails when
5V_SUPPLY < VCH_OUT
0.1
5
μA
DDC_DAT_OUT,
powered down
DDC_CLK_OUT,
HOTPLUG_DET_OUT
LV_SUPPLY = 2.5 V,
Voltage drop across level-shifting
VON
VS = GND,
75
95
140
mV
NFET when ON
IDS = 3 mA
Top diode
0.6
0.85
0.95
VF
Diode forward voltage
IF = 8 mA, TA = 25°C
(1)
V
Bottom diode
0.6
0.85
0.95
Pins 4, 7,10,13, 20–24, 27,
IEC
±8
30, 33(1)(2)
VESD
ESD withstand voltage
kV
Pins 1, 2, 16–19, 37(1)(3)
HBM
±2
Positive transients
9
Channel clamp voltage @ 8kV
VCL
TA = 25°C
(1) (3)
V
HBM ESD
Negative transients
–9
Positive transients
3
RDYN
Dynamic resistance
I = 1 A, TA = 25°C
(4)
Negative transients
1.5
ILEAK
TMDS channel leakage current
TA = 25°C
(1)
0.01
1
μA
CIN,
5V_SUPPLY = 5 V, Measured at 1 MHz,
TMDS channel input capacitance
0.9
1.2
pF
TMDS
VBIAS = 2.5 V
(1)
ΔCIN,
TMDS channel input capacitance
5V_SUPPLY = 5 V, Measured at 1 MHz,
0.05
pF
TMDS
matching
VBIAS = 2.5 V
(1) (5)
Mutual capacitance between
5V_SUPPLY = 0 V, Measured at 1 MHz,
CMUTUAL
0.07
pF
signal pin and adjacent signal pin
VBIAS = 2.5 V
(1)
DDC
3.5
4
5V_SUPPLY = 0 V,
Level-shifting input capacitance,
CIN
Measured at 100 KHz,
CEC
3.5
4
pF
capacitance to GND
VBIAS = 2.5 V(1)
HP
3.5
4
(1)
This parameter is specified by design and verified by device characterization.
(2)
Standard IEC 61000-4-2, CDISCHARGE= 150 pF, RDISCHARGE = 330 Ω, 5V_SUPPLY and LV_SUPPLY within recommended operating
conditions, GND = 0 V and ESD_BYP (pin 37), and HOTPLUG_DET_OUT (pin 20), each bypassed with a 0.1-
μF ceramic capacitor
connected to GND.
(3)
Human-Body Model per MIL-STD-883, Method 3015, CDISCHARGE = 100 pF, RDISCHARGE = 1.5 kΩ, 5V_SUPPLY and LV_SUPPLY within
recommended operating conditions, GND = 0 V and ESD_BYP (pin 37), and HOTPLUG_DET_OUT (pin 20), each bypassed with a
0.1-
μF ceramic capacitor connected to GND.
(4)
These measurements performed with no external capacitor on ESD_BYP.
(5)
Intrapair matching, each TMDS pair (i.e. D+, D–)
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPD12S520


Podobny numer części - TPD12S520DBTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD12S520DBTR TI-TPD12S520DBTR Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520DBTR TI1-TPD12S520DBTR Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
More results

Podobny opis - TPD12S520DBTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S521 TI-TPD12S521_09 Datasheet
679Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
TPD12S521 TI1-TPD12S521_16 Datasheet
1Mb / 19P
[Old version datasheet]   Single-Chip HDMI Transmitter Port Protection and Interface Device
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com