Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3068J0161 Arkusz danych(PDF) 1 Page - DB Lectro Inc

Numer części CA3068J0161
Szczegółowy opis  Wet Tantalum Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

CA3068J0161 Arkusz danych(HTML) 1 Page - DB Lectro Inc

  CA3068J0161 Datasheet HTML 1Page - DB Lectro Inc CA3068J0161 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CA30 Wet Tantalum Capacitor
Ⅰ、 Features
Ⅱ、 General Characteristics
1、 Operating Temperature
A -55℃~+125℃ ( with voltage derating at greater than85℃)
B -55℃~+85℃ (Table 2)
2、 Capacitance Tolerance
±10%, ±20%, ±30% ~-±10%
3、 DC Leakage Current Table 1
4、 DC Dissipation Factor table 2
Ⅲ、 Dimension, Rated voltage and Capacitance
Rated voltage (V)
6.3
10
16
25
40
63
100
125
Derating voltage (V)
4
6.3
10
16
25
40
63
75
Case size
DXL
(mm)
Max
Wt.(g)
Capacitance
(uF)
22
15
10
6.8
4.7
2.2
1.5
1
33
22
15
10
6.8
3.3
2.2
1.5
47
33
22
15
10
4.7
3.3
2.2
68
47
33
22
15
6.8
4.7
3.3
1
5×14
4
100
68
47
33
22
10
6.8
4.7
150
100
68
47
33
15
10
6.8
2
6×16
5
220
150
100
68
47
22
15
10
330
220
150
100
68
33
22
15
3
8×16
7
470
330
220
150
100
47
33
22
4
8×22
10
680
470
330
220
150
68
47
33
5
10×22
14
1000
680
470
330
220
100
68
47
6
10×25
17
1000
680
470
330
150
100
Small units with high stable performance, lower current leakage &
dissipation factor, stable frequency and temperature and long life. Suitable
for military equipment, computer, telephone and other electronic products.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Podobny numer części - CA3068J0161

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3060 INTERSIL-CA3060 Datasheet
193Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
January 1999
logo
Harris Corporation
CA3060 HARRIS-CA3060 Datasheet
143Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
logo
Intersil Corporation
CA3060E INTERSIL-CA3060E Datasheet
193Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
January 1999
logo
Harris Corporation
CA3060E HARRIS-CA3060E Datasheet
143Kb / 12P
   110kHz, Operational Transconductance Amplifier Array
logo
List of Unclassifed Man...
CA3064 ETC1-CA3064 Datasheet
516Kb / 8P
   TV Automatic Fine Tuning Circuit
More results

Podobny opis - CA3068J0161

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cornell Dubilier Electr...
TAT306M00611 CDE-TAT306M00611 Datasheet
284Kb / 12P
   Wet Tantalum Capacitor
logo
AVX Corporation
TWA-Y AVX-TWA-Y Datasheet
178Kb / 4P
   Wet Electrolytic Tantalum Capacitor
TWAD227K35CBDZ0000 AVX-TWAD227K35CBDZ0000 Datasheet
120Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWASERIES AVX-TWASERIES Datasheet
128Kb / 3P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE687K050CBSZ0000 AVX-TWAE687K050CBSZ0000 Datasheet
156Kb / 4P
   TWA Wet Electrolytic Tantalum Capacitor
TWAE407K100CBSZ0000 AVX-TWAE407K100CBSZ0000 Datasheet
126Kb / 5P
   COTS-Plus Wet Electrolytic Tantalum Capacitor
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com