Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPCP8J01 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TPCP8J01
Szczegółowy opis  TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8J01 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TPCP8J01_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 8Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TPCP8J01
2006-11-17
4
BRT
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50 V, IE = 0
100
Collector cut-off current
ICEO
VCB = 50 V, IE = 0
500
nA
Emitter cut-off current
IEBO
VEB = 6 V, IC= 0
0.081
0.15
mA
DC current gain
hFE
VCE = 5 V, IC= 10 mA
80
Collector-emitter saturation voltage
VCE (sat)
IC = 5 mA, IB = 0.25 mA
0.1
0.3
V
Input voltage (ON)
VI (ON)
VCE = 0.2 V, IC = 5 mA
0.7
1.8
V
Input voltage (OFF)
VI (OFF)
VCE = 5 V, IC = 0.1 mA
0.5
1.0
V
Transition frequency
fT
VCE = 10 V, IC = 5 mA
250
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
3
6
pF
Input resistor
R1
7
10
13
k
Ω
Resistor ratio
R1/R2
0.191
0.213
0.232


Podobny numer części - TPCP8J01_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Podobny opis - TPCP8J01_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
TPCF8B01 TOSHIBA-TPCF8B01 Datasheet
81Kb / 4P
   TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TPCF8B01 TOSHIBA-TPCF8B01_07 Datasheet
324Kb / 9P
   TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TPCP8202 TOSHIBA-TPCP8202 Datasheet
235Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSIV)
TPC6107 TOSHIBA-TPC6107 Datasheet
203Kb / 7P
   Silicon P Channel MOS Type (U-MOSIV) Notebook PC Applications
TPCP8H02 TOSHIBA-TPCP8H02 Datasheet
249Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
TPCP8H01 TOSHIBA-TPCP8H01 Datasheet
253Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com