Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPCP8401 Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TPCP8401
Szczegółowy opis  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8401 Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TPCP8401_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8401_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8401_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8401_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8401_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8401_07 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8401_07 Datasheet HTML 8Page - Toshiba Semiconductor TPCP8401_07 Datasheet HTML 9Page - Toshiba Semiconductor TPCP8401_07 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TPCP8401
2006-11-13
8
Nch
ID – VDS
ID – VGS
RDS (ON) – ID
RDS (ON) – VGS
RDS (ON) – Ta
Vth – Ta
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Drain current ID (mA)
Gate-source voltage VGS (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
0
0
100
250
12
1.5
0.5
50
150
200
VGS = 1.3 V
1.5
1.7
1.9
Common source
Ta
= 25°C
3
4
10
2.5
2.3
2.1
02
3
1
0.01
1
1000
0.1
10
100
Ta
= 100°C
Common srouce
VDS = 3 V
−25°C
25°C
2.5 V
VGS = 1.5 V
0
1
4
12
1000
10
2
6
8
100
Common source
Ta
= 25°C
10
4 V
04
10
8
26
0
2
6
1
4
5
3
25°C
Ta
= 100°C
−25°C
Common source
ID = 10 mA
2.5 V, 10 mA
VGS = 1.5 V, ID = 1 mA
Common source
0
2
8
1
5
6
4
3
7
−25
50
150
125
0
75
25
100
4 V, 10 mA
Common source
ID = 0.1 mA
VDS = 3 V
−25
50
150
125
0
75
25
100
0
0.4
2
0.2
1.2
1.6
1
0.8
1.8
0.6
1.4


Podobny numer części - TPCP8401_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPCP8401 TOSHIBA-TPCP8401 Datasheet
129Kb / 5P
   Motor Dreive Notebook PC Portable Machines and Tools
TPCP8401 TOSHIBA-TPCP8401 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Podobny opis - TPCP8401_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8404 TOSHIBA-TPCP8404 Datasheet
293Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MO/U-MOS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com