Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD1038F Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TPD1038F
Szczegółowy opis  Motor, Solenoid, Lamp Drivers High-side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1038F Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TPD1038F_07 Datasheet HTML 1Page - Toshiba Semiconductor TPD1038F_07 Datasheet HTML 2Page - Toshiba Semiconductor TPD1038F_07 Datasheet HTML 3Page - Toshiba Semiconductor TPD1038F_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD1038F_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD1038F_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD1038F_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD1038F_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD1038F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPD1038F
2006-10-31
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
60
V
DC
VDD(1)
25
V
Supply voltage
Pulse
VDD(2)
60(RS=1Ω,τ=250ms)
V
DC
VIN(1)
0.5~12
V
Input voltage
Pulse
VIN(2)
VDD(1)+1.5(t=100ms)
V
Diagnosis output voltage
VDIAG
0.5~25
V
Output current
IO
Internally limited
A
Input current
IIN
±
10
mA
Diagnosis current
IDIAG
5
mA
Power dissipation
(Note 1-a)
PD(1)
1.1
W
Power dissipation
(Note 1-b)
PD(2)
0.425
W
Operating temperature
Topr
40~110
°C
Channel temperature
Tch
150
°C
Storage temperature
Tstg
55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Thermal Resistance
Characteristic
Symbol
Rating
Unit
113.5 (Note1-a)
Thermal resistance
Rth(ch-a)
294.0 (Note1-b)
°C /W
Note 1:
1-a : Mounted on glass epoxy board (a)
1-b : Mounted on glass epoxy board (b)
FR-4
25.4×25.4×0.8
(Unit:mm)
FR-4
25.4×25.4×0.8
(Unit:mm)


Podobny numer części - TPD1038F_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPD1038F TOSHIBA-TPD1038F Datasheet
263Kb / 11P
   Motor, Solenoid, Lamp Drivers High Side Power Switch
More results

Podobny opis - TPD1038F_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1038F TOSHIBA-TPD1038F Datasheet
263Kb / 11P
   Motor, Solenoid, Lamp Drivers High Side Power Switch
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com