Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4104AK Arkusz danych(PDF) 11 Page - Toshiba Semiconductor

Numer części TPD4104AK
Szczegółowy opis  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4104AK Arkusz danych(HTML) 11 Page - Toshiba Semiconductor

Back Button TPD4104AK_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD4104AK_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD4104AK_07 Datasheet HTML 9Page - Toshiba Semiconductor TPD4104AK_07 Datasheet HTML 10Page - Toshiba Semiconductor TPD4104AK_07 Datasheet HTML 11Page - Toshiba Semiconductor TPD4104AK_07 Datasheet HTML 12Page - Toshiba Semiconductor TPD4104AK_07 Datasheet HTML 13Page - Toshiba Semiconductor TPD4104AK_07 Datasheet HTML 14Page - Toshiba Semiconductor TPD4104AK_07 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TPD4104AK
2005-01-31
11
Description of Protection Function
(1)
Under voltage protection
This product incorporates the under voltage protection circuit to prevent the IGBT from operating in
unsaturated mode when the VCC voltage or the VBS voltage drops.
When the VCC power supply falls to this product internal setting (VCCUVD = 11 V typ.), all IGBT
outputs shut down regardless of the input. This protection function has hysteresis. When the
VCCUVR (= 11.5 V typ.) reaches 0.5 V higher than the shutdown voltage, this product is
automatically restored and the IGBT is turned on again by the input.
When the VBS supply voltage drops (VBSUVD = 9 V typ.), the high-side IGBT output shuts down.
When the VBSUVR (= 9.5 V typ.) reaches 0.5 V higher than the shutdown voltage, the IGBT is
turned on again by the input signal.
(2)
Thermal shutdown
This product incorporates the thermal shutdown circuit to protect itself against the abnormal state
when its temperature rises excessively.
When the temperature of this chip rises due to external causes or internal heat generation and the
internal setting TSD reaches 150°C, all IGBT outputs shut down regardless of the input. This
protection function has hysteresis (
ΔTSD = 50°C typ.). When the chip temperature falls to TSD −
ΔTSD, the chip is automatically restored and the IGBT is turned on again by the input.
Because the chip contains just one temperature detection location, when the chip heats up due to the
IGBT, for example, the differences in distance from the detection location in the IGBT (the source of
the heat) cause differences in the time taken for shutdown to occur. Therefore, the temperature of the
chip may rise higher than the thermal shutdown temperature when the circuit started to operate.
Safe Operating Area
Note 1: The above safe operating areas are Tj
= 135°C (Figure 1) and Tc = 95°C (Figure 2). If the temperature
exceeds thsese, the safe operation areas reduce.
2.0
0
400
Power supply voltage VBB (V)
Figure 1 SOA at Tj
= 135°C
0
2.1
0
400
Power supply voltage VBB (V)
Figure 2 SOA at Tc
= 95°C
0


Podobny numer części - TPD4104AK_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
More results

Podobny opis - TPD4104AK_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135K TOSHIBA-TPD4135K Datasheet
371Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com