Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6437 Arkusz danych(PDF) 2 Page - Hamamatsu Corporation

Numer części L6437
Szczegółowy opis  Infrared LED High radiant output GaAs LED with position reference hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HAMAMATSU [Hamamatsu Corporation]
Strona internetowa  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L6437 Arkusz danych(HTML) 2 Page - Hamamatsu Corporation

  L6437_06 Datasheet HTML 1Page - Hamamatsu Corporation L6437_06 Datasheet HTML 2Page - Hamamatsu Corporation L6437_06 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Infrared LED
L6437 series
s Emission spectrum
KLEDB0181EA
s Radiant flux vs. forward current
KLEDB0182EA
s Forward current vs. forward voltage
KLEDB0183EA
s Directivity
KLEDB0071EB
s Radiant output vs. ambient temperature
KLEDB0184EA
s Allowable forward current vs. ambient temperature
KLEDB0027EB
800
900
1000
1100
0
40
20
60
80
100
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=50 mA)
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C, tw=100
µs, 0.1 %)
0.1
0.1
10
1
1000
100
10
1
100
1000
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C, tw=100
µs, 1 %)
1.0
1.5
1
1000
100
10
2.0
2.5
3.0
(Typ. Ta=25 ˚C)
80 %
100 %
40 %
60 %
20 %
20˚
10˚
10˚
20˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
90˚
80˚
50˚
40˚
30˚
70˚
60˚
RELATIVE RADIANT OUTPUT (%)
-40
-20
0
20
40
60
80
100
-5
-3
-4
-2
0
-1
+1
+2
AMBIENT TEMPERATURE (˚C)
(Typ. IF=50 mA)
-40
-20
0
20
(Typ.)
40
60
80
100
0
40
60
80
100
AMBIENT TEMPERATURE (˚C)
20
2


Podobny numer części - L6437_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hamamatsu Corporation
L6437-01 HAMAMATSU-L6437-01 Datasheet
125Kb / 2P
   High radiant output GaAs LED with position reference hole
More results

Podobny opis - L6437_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hamamatsu Corporation
L6437 HAMAMATSU-L6437 Datasheet
125Kb / 2P
   High radiant output GaAs LED with position reference hole
logo
Toshiba Semiconductor
TLN110 TOSHIBA-TLN110_07 Datasheet
198Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN110 TOSHIBA-TLN110 Datasheet
288Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN105B TOSHIBA-TLN105B_07 Datasheet
200Kb / 6P
   INFRARED LED GAAS INFRARED EMITTER
TLN115A TOSHIBA-TLN115A_07 Datasheet
203Kb / 6P
   Infrared LED GaAs Infrared Emitter
TLN119 TOSHIBA-TLN119_07 Datasheet
199Kb / 5P
   Infrared LED GaAs Infrared Emitter
TLN107A TOSHIBA-TLN107A Datasheet
185Kb / 4P
   INFRARED LED GaAS INFRARED EMITTER
TLN102 TOSHIBA-TLN102 Datasheet
250Kb / 5P
   TOSHIBA INFRARED LED GaAs INFRARED EMITTER
logo
Hamamatsu Corporation
L7560 HAMAMATSU-L7560_07 Datasheet
86Kb / 2P
   Infrared LED High-speed, high output power LED with mini-lens
logo
Toshiba Semiconductor
TLN105B TOSHIBA-TLN105B Datasheet
291Kb / 6P
   TOSHIBA INFRARED LED GAAS INFRARED EMITTER
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com