Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6644PBF Arkusz danych(PDF) 5 Page - International Rectifier

Numer części IRF6644PBF
Szczegółowy opis  DirectFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6644PBF Arkusz danych(HTML) 5 Page - International Rectifier

  IRF6644PBF Datasheet HTML 1Page - International Rectifier IRF6644PBF Datasheet HTML 2Page - International Rectifier IRF6644PBF Datasheet HTML 3Page - International Rectifier IRF6644PBF Datasheet HTML 4Page - International Rectifier IRF6644PBF Datasheet HTML 5Page - International Rectifier IRF6644PBF Datasheet HTML 6Page - International Rectifier IRF6644PBF Datasheet HTML 7Page - International Rectifier IRF6644PBF Datasheet HTML 8Page - International Rectifier IRF6644PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6644PbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs.
Junction Temperature
Fig 12. Maximum Drain Current vs. Ambient Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig11. Maximum Safe Operating Area
Fig 14. Maximum Avalanche Energy Vs. Drain Current
0.0
1.0
2.0
3.0
4.0
5.0
VSD, Source-to-Drain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
VGS = 0V
TJ = 150°C
TJ = 25°C
TJ = -40°C
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
1000
I D
TOP
2.8A
3.3A
BOTTOM
6.2A
-50
-25
0
25
50
75
100
125
150
TJ , Junction Temperature ( °C )
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 1.0A
ID = 1.0mA
ID = 250µA
ID = 150µA
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0
2
4
6
8
10
12
0.01
0.10
1.00
10.00
100.00 1000.00
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
100msec


Podobny numer części - IRF6644PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6644PBF IRF-IRF6644PBF Datasheet
261Kb / 10P
   Ideal for High Performance Isolated Converter Primary Switch Socket
IRF6644PBF IRF-IRF6644PBF Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
logo
Infineon Technologies A...
IRF6644PBF INFINEON-IRF6644PBF Datasheet
1Mb / 18P
   Quality Requirement Category: Consumer
V2.0 2017-03-28
logo
International Rectifier
IRF6644PBF IRF-IRF6644PBF_15 Datasheet
261Kb / 10P
   Optimized for Synchronous Rectification
More results

Podobny opis - IRF6644PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com