Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KZ2D2R2MR Arkusz danych(PDF) 3 Page - DB Lectro Inc

Numer części KZ2D2R2MR
Szczegółowy opis  CHIP TYPE, EXTRA LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ2D2R2MR Arkusz danych(HTML) 3 Page - DB Lectro Inc

  KZ2D2R2MR Datasheet HTML 1Page - DB Lectro Inc KZ2D2R2MR Datasheet HTML 2Page - DB Lectro Inc KZ2D2R2MR Datasheet HTML 3Page - DB Lectro Inc KZ2D2R2MR Datasheet HTML 4Page - DB Lectro Inc KZ2D2R2MR Datasheet HTML 5Page - DB Lectro Inc KZ2D2R2MR Datasheet HTML 6Page - DB Lectro Inc KZ2D2R2MR Datasheet HTML 7Page - DB Lectro Inc KZ2D2R2MR Datasheet HTML 8Page - DB Lectro Inc KZ2D2R2MR Datasheet HTML 9Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
EXPLANATION OF PART NUMBERS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
(17, 18)
Lead Shape
Code
Standard
00
Not standard
01
Length after cut is 3mm
30
Length after cut is 4.5mm
45
Length after cut is 5mm
50
Length after cut is 7.5mm
75
Length after cut is 10mm
1A
(15)
Sleeve
Code
PVC sleeve (White printing)
W
PVC sleeve (Black printing)
B
PVC sleeve (Golden printing)
G
PVC sleeve (Silver printing)
A
PET sleeve (Green colour
white printing)
1
PET sleeve (Purple colour
white printing)
2
PET sleeve (Yellow colour
black printing)
3
(16)
Rubber
Code
Plane
P
Convexity
T
(1, 2)
Series
CS
CK
SC
CN
KP
LZ
KZ
FZ
EL
KL
KH
HU
RA
RN
RT
RK
RM
RS
LA
LK
LM
LS
NP
NK
NM
NS
BP
TM
TN
SM
SK
(3, 4)
Vol.
(WV)
Code
20D
40G
6.3
0J
10
1A
16
1C
25
1E
35
1V
40
1G
50
1H
63
1J
100
2A
160
2C
200
2D
250
2E
315
2F
330
2U
350
2V
400
2G
450
2W
(5~7)
Cap.
( F)
Code
0.1
0R1
0.22
R22
0.33
R33
0.47
R47
1
010
2.2
2R2
3.3
3R3
4.7
4R7
10
100
22
220
33
330
47
470
100
101
220
221
330
331
470
471
1000
102
2200
222
3300
332
4700
472
10000
103
22000
223
(8)
Tol.
(%)
Code
+10
-10
K
+15
-15
L
+20
-20
M
(10)
Type
Code
Chip
C
Radial
R
Radial Taping
T
Snap-in
S
(12)
Dia.
( )
Code
3S
4C
5D
6.3
E
8F
10
G
12
H
12.5
I
13
J
13.5
V
14.5
A
16
K
18
L
20
M
22
N
25
O
30
P
35
Q
40
R
(13, 14)
Length
(mm)
Code
505
5.4
54
5.8
58
707
7.7
77
909
10.5
10
11
11
12
12
14
14
16
16
20
20
21
21
25
25
26
26
31
31
35
35
36
36
40
40
46
46
(11)
Type
Descriptions
Code
Chip
Taping & Reel
R
Bulk
B
Taping (Forming)
A
Taping (Straight)
S
Lead Cut
C
Lead Forming Cut
F
Lead Forming Only
M
Kinked Forming Cut
K
Kinked Straight Cut
Y
Snap-
in
Lead Snap-in
W
Series
Voltage (WV)
Capacitance ( F)
Cap.
Tol.(%)
Type
Lead
Process
Dia.( )
Length (mm)
Sleeve
Rubber
Lead Shape
Chip Type
Dash
_
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Podobny numer części - KZ2D2R2MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
KZ27 SCHNEIDER-KZ27 Datasheet
78Kb / 2P
   handle 34 mm old shape - black - set of 5
Feb 10, 2022
More results

Podobny opis - KZ2D2R2MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
   CHIP TYPE, LOW IMPEDANCE
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com