Zakładka z wyszukiwarką danych komponentów |
|
AD9626BCPZ-170 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD9626BCPZ-170 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 36 page AD9626 Rev. 0 | Page 5 of 36 DIGITAL SPECIFICATIONS AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted. Table 3. AD9626-170 AD9626-210 AD9626-250 Parameter1 Temp Min Typ Max Min Typ Max Min Typ Max Unit CLOCK INPUTS Logic Compliance Full CMOS/LVDS/LVPECL CMOS/LVDS/LVPECL CMOS/LVDS/LVPECL Internal Common-Mode Bias Full 1.2 1.2 1.2 V Differential Input Voltage Full 0.2 6 0.2 6 0.2 6 V p-p Input Voltage Range Full AVDD − 0.3 AVDD + 1.6 AVDD − 0.3 AVDD + 1.6 AVDD − 0.3 AVDD + 1.6 V Input Common-Mode Range Full 1.1 AVDD 1.1 AVDD 1.1 AVDD V High Level Input Voltage (VIH) Full 1.2 3.6 1.2 3.6 1.2 3.6 V Low Level Input Voltage (VIL) Full 0 0.8 0 0.8 0 0.8 V Input Resistance (Differential) Full 16 20 24 16 20 24 16 20 24 kΩ Input Capacitance Full 4 4 4 pF LOGIC INPUTS Logic 1 Voltage Full 0.8 × AVDD 0.8 × AVDD 0.8 × AVDD V Logic 0 Voltage Full 0.2 × AVDD 0.2 × AVDD 0.2 × AVDD V Logic 1 Input Current (SDIO) Full 0 0 0 μA Logic 0 Input Current (SDIO) Full −60 −60 −60 μA Logic 1 Input Current (SCLK, PDWN, CSB, RESET) Full 55 55 50 μA Logic 0 Input Current (SCLK, PDWN, CSB, RESET) Full 0 0 0 μA Input Capacitance 25°C 4 4 4 pF LOGIC OUTPUTS2 High Level Output Voltage Full DRVDD − 0.05 DRVDD − 0.05 DRVDD − 0.05 V Low Level Output Voltage Full GND + 0.05 GND + 0.05 GND + 0.05 V Output Coding Twos complement, Gray code, or offset binary (default) 1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed. 2 LVDS RTERMINATION = 100 Ω. |
Podobny numer części - AD9626BCPZ-170 |
|
Podobny opis - AD9626BCPZ-170 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |