Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KZ2G010MT Arkusz danych(PDF) 7 Page - DB Lectro Inc

Numer części KZ2G010MT
Szczegółowy opis  CHIP TYPE, EXTRA LOW IMPEDANCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DBLECTRO [DB Lectro Inc]
Strona internetowa  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KZ2G010MT Arkusz danych(HTML) 7 Page - DB Lectro Inc

Back Button KZ2G010MT Datasheet HTML 3Page - DB Lectro Inc KZ2G010MT Datasheet HTML 4Page - DB Lectro Inc KZ2G010MT Datasheet HTML 5Page - DB Lectro Inc KZ2G010MT Datasheet HTML 6Page - DB Lectro Inc KZ2G010MT Datasheet HTML 7Page - DB Lectro Inc KZ2G010MT Datasheet HTML 8Page - DB Lectro Inc KZ2G010MT Datasheet HTML 9Page - DB Lectro Inc KZ2G010MT Datasheet HTML 10Page - DB Lectro Inc KZ2G010MT Datasheet HTML 11Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
GENERAL INFORMATION FOR APPLICATION
The following precautions must be observed when using electrolytic capacitors.
1. Circuit Design
1) Please make sure that the environmental and mounting conditions to which the capacitor to be
exposed are within the conditions specified in this catalogue.
2) Operating temperature and applied ripple must be within the specifications.
3) Appropriate capacitors, which comply with the life requirement of the products, should be selected
when designing the circuit.
4) Aluminum electrolytic capacitors are polarized. Do not apply reserve voltage or AC voltage. Please
use non-polarized capacitors for a circuit that can possibly see reserved polarity.
Note: Non-polarizes capacitors cannot be used for AC voltage application.
5) Do not use aluminum electrolytic capacitors in a circuit that requires rapid and very frequent charge
or discharge. In this type of circuit, it is necessary to use special design capacitors with extended life
characteristics.
6) Do not apply excess voltage.
Pleased pay attention so that the peak voltage, which is DC voltage overlapped by ripple current,
should not exceed the rated voltage.
In the case where more than two aluminum electrolytic capacitors are used in series, please
make sure that applied voltage should be lower than rated voltage should be applied to each
capacitor equally using a balancing resistor in parallel with the capacitor.
7) Outer sleeved of the capacitor is not guarantee as an electrical insulator. Do not use standard sleeve
on a capacitor in applications that require electrical insulation. When the application requires special
insulation, please contact our sales office for details.
8) Capacitors must not be used under following conditions:
(a) Capacitors must not be exposed to water (including condensation), brine or oil.
(b) Ambient conditions that include toxic gases such as hydrogen sulfide, sulfurous acid, nitrous
acid, chlorine, ammonium, etc.
(c) Ambient conditions that expose the capacitor to ozone, ultraviolet ray and radiation.
Severe vibration and physical shock conditions that exceed our specification.
Vibration test condition:
Vibration frequency range: 10~55~10Hz
Sweet rate
: 10~55~10Hz per minute
Sweet method
: logarithmic
Amplitude or acceleration: 1.5 (max. acceleration is 10G)
Direction of vibration
Testing time
: 2 hours per each direction
Shock is not applicable normally.
If a particular condition is required, please contact our sales office.
: X, Y, Z direction
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Podobny numer części - KZ2G010MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schneider Electric
KZ27 SCHNEIDER-KZ27 Datasheet
78Kb / 2P
   handle 34 mm old shape - black - set of 5
Feb 10, 2022
More results

Podobny opis - KZ2G010MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DB Lectro Inc
FZ1A100KC DBLECTRO-FZ1A100KC Datasheet
567Kb / 13P
   CHIP TYPE, LONG LIFE WITH EXTRA LOWER IMPEDANCE
logo
Nichicon corporation
UUD1H101MNL1GS NICHICON-UUD1H101MNL1GS Datasheet
56Kb / 2P
   Chip Type, Low Impedance
UCM NICHICON-UCM Datasheet
965Kb / 2P
   Chip Type, Low Impedance
UCV NICHICON-UCV_17 Datasheet
629Kb / 2P
   Chip Type, Low Impedance.
UUD0J331MCL1GS NICHICON-UUD0J331MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
logo
DB Lectro Inc
LZ1H010KC DBLECTRO-LZ1H010KC Datasheet
508Kb / 13P
   CHIP TYPE, LOW IMPEDANCE
logo
Nichicon corporation
UCV NICHICON-UCV_18 Datasheet
630Kb / 2P
   Chip Type, Low Impedance.
logo
SAMWHA ELECTRIC
CK1V227M08010VR200 SAMWHA-CK1V227M08010VR200 Datasheet
286Kb / 2P
   Chip type, Low Impedance, High CV Series
logo
RHOPOINT COMPONENTS
PCH163250T RHOPOINT-PCH163250T Datasheet
69Kb / 1P
   CHIP TYPE IMPEDANCE CONVERTER
logo
Bourns Electronic Solut...
MT4532-250Y BOURNS-MT4532-250Y Datasheet
661Kb / 5P
   Low Impedance Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com