Zakładka z wyszukiwarką danych komponentów |
|
CS1V101MR Arkusz danych(PDF) 1 Page - DB Lectro Inc |
|
CS1V101MR Arkusz danych(HTML) 1 Page - DB Lectro Inc |
1 / 13 page CS Series CHIP TYPE, STANDARD Operating with general temperature range -40 ~ +85°C Load life of 2000 hours SPECIFICATIONS Items Characteristics Operation Temperature Range -40 ~ +85°C Rated Working Voltage 4 ~ 100V Capacitance Tolerance ±20% at 120Hz, 20°C I 0.01CV or 3 A whichever is greater (after 2 minutes) Leakage Current I: Leakage current ( A) C: Normal capacitance ( F) V: Rated voltage (V) Measurement frequency: 120Hz, Temperature: 20°C WV 4 6.3 10 16 25 35 50 63 100 tan 0.50 0.30 0.24 0.20 0.16 0.14 0.14 0.12 0.12 Dissipation Factor max. Rated voltage (V) 4 6.3 10 16 25 35 50 63 100 Z(-25°C) / Z(20°C) 7 432 222 22 Impedance ratio ZT/Z20 (max.) Z(-40°C) / Z(20°C) 15 10 86 433 3 3 Capacitance Change Within 20% of initial value (Within 25% of initial value for 4 V) Dissipation Factor 200% or less of initial specified value Leakage Current Initial specified value or less Shelf Life (at 85°C) After leaving capacitors under no load at 85°C for 1000 hours, they meet the specified value for load life characteristics listed above. Capacitance Change Within 10% of initial value Dissipation Factor Initial specified value or less Leakage Current Initial specified value or less Resistance to Soldering Heat Reference Standard JIS C-5141 and JIS C-5102 Negative 0.5~0.8 Plastic plateform 0.3max. Positive C 0.2 L +0.2 -0.1 *L 0.3 (Applicable to 6.3 x 7.7) Negative 0.8 ~ 1.1 Plastic platform 0.3max. Positive C 0.2 L 0.5 DRAWING (Unit: mm) DIMENSIONS (Unit: mm) D x L 4 x 5.4 5 x 5.4 6.3 x 5.4 6.3 x 7.7 8 x 10.5 10 x 10.5 A 1.8 2.1 2.4 2.4 2.9 3.2 B 4.3 5.3 6.6 6.6 8.3 10.3 C 4.3 5.3 6.6 6.6 8.3 10.3 E 1.0 1.3 2.2 2.2 3.1 4.5 L 5.4 5.4 5.4 7.7 10.5 10.5 ( 4 ∼ 6.3) ( 8, 10) Load Life (After 2000 hours application of the rated voltage at 85°C, capacitors meet the characteristics requirements listed.) Low Temperature Characteristics (Measurement frequency: 120Hz) *Voltage mark for 6.3V is [6V] Comply with the RoHS directive (2002/95/EC) After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at room temperature, they meet the characteristics requirements listed as below. DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
Podobny numer części - CS1V101MR |
|
Podobny opis - CS1V101MR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |