Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP86FH46ANG Arkusz danych(PDF) 6 Page - Toshiba Semiconductor

Numer części TMP86FH46ANG
Szczegółowy opis  8 Bit Microcontroller
Download  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FH46ANG Arkusz danych(HTML) 6 Page - Toshiba Semiconductor

Back Button TMP86FH46ANG Datasheet HTML 2Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 3Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FH46ANG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 214 page
background image
TMP86FH46ANG
Differences in Electrical Characteristics (TMP86xx47 Series)
Note 1: With The 86CH47A, PH47 the operating temperature (Topr) is -20 to 85 when the supply voltage VDD is less than
2.0V.
Note 2: With The 86FH47A, the operating temperature (Topr) is -20 to 85 when the supply voltage VDD is less than 3.0V.
Note 3: With The 86FH47A, when a program is executing in the Flash memory or when data is being read from the Flash memory,
the Flash memory operates in an intermittent manner causing peak currents in the Flash memory momentarily, as shown
in Figure. in this case, the supply current IDD(in NORMAL1,NORMAL2 and SLOW1 mode) is defined as the sum of the
average peak current and MCU current.
86C847 / 86CH47 / 86CM47
86CM47A
86PM47
86PH47
86CH47A
86FH47
86FH47A
Operat-
ing con-
dition
(MCU
mode)
Read/
Fetch
(a) 1.8V to 5.5V (-40 to 85 ℃ )
(a) 2.0V to 5.5V (-40 to 85 ℃ )
(b) 1.8V to 2.0V (-20 to 85 ℃ )
(a) 2.7V to 5.5V (-40 to 85 ℃ )
(a) 3.0V to 5.5V (-40 to 85 ℃ )
(b) 2.7V to 3.0V (-20 to 85 ℃ )
Erase/
Pro-
gram
---
(a) 4.5V to 5.5V (-10 to 40 ℃ )
Operating condition
(Serial PROM
mode)
--
(a) 4.5V to 5.5V (20 to 30 ℃ )
(a) 4.5V to 5.5V (-10 to 40 ℃ )
Operating current
Operating current varies with each product. For details, refer to the datacheet (electrical chracteristics) of each product.
(Note3)
5.5
4.5
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
5.5
4.5
2.7
1.8
2.0
1
4.2
8
16
[MHz]
[V]
(a)
(b)
(Note1)
5.5
4.5
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
5.5
4.5
3.0
2.7
1.8
1
4.2
8
16
(a)
(b)
(Note2)
[MHz]
[V]
5.5
4.5
2.7
1.8
1
4.2
8
16
[MHz]
[V]
(a)
5.5
4.5
2.7
1.8
2
4
8
16
[MHz]
[V]
(a)
5.5
4.5
2.7
1.8
2
4.2
8
16
[MHz]
[V]
(a)
n
Program counter (PC)
n+1
n+2
n+3
1 machine cycle (4/fc or 4/fs)
MCU current
I
[mA]
DDP-P
Typ. current
Momentary Flash current
Max. current
Sum of average momentary
Flash current and MCU current
Intermittent Operation of Flash Memory


Podobny numer części - TMP86FH46ANG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
1Mb / 61P
   Microcomputers / Microcomputer Development Systems
More results

Podobny opis - TMP86FH46ANG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com