Zakładka z wyszukiwarką danych komponentów |
|
2SK3131 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor |
|
2SK3131 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor |
1 / 6 page 2SK3131 2006-11-06 1 TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV) 2SK3131 Chopper Regulator DC−DC Converter and Motor Drive Applications Fast reverse recovery time : trr = 105 ns (typ.) Built-in high-speed free-wheeling diode Low drain−source ON resistance : RDS (ON) = 0.085 Ω (typ.) High forward transfer admittance : |Yfs| = 35 S (typ.) Low leakage current : IDSS = 100 μA (max) (VDS = 500 V) Enhancement mode : Vth = 2.4~3.4 V (VDS = 10 V, ID = 1 mA) Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Drain−source voltage VDSS 500 V Drain−gate voltage (RGS = 20 kΩ) VDGR 500 V Gate−source voltage VGSS ±30 V DC (Note 1) ID 50 A DC Drain current Pulse (Note 1) IDP 200 A Drain power dissipation (Tc = 25°C) PD 250 W Single pulse avalanche energy (Note 2) EAS 525 mJ Avalanche current IAR 50 A Repetitive avalanche energy (Note 3) EAR 25 mJ Channel temperature Tch 150 °C Storage temperature range Tstg −55~150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Thermal Characteristics Characteristics Symbol Max Unit Thermal resistance, channel to case Rth (ch−c) 0.5 °C / W Thermal resistance, channel to ambient Rth (ch−a) 35.7 °C / W Note 1: Ensure that the channel temperature does not exceed 150°C. Note 2: VDD = 90 V, Tch = 25°C (initial), L = 357 μH, RG = 25 Ω, IAR = 50 A Note 3: Repetitive rating: pulse width limited by maximum channel temperature. This transistor is an electrostatic-sensitive device. Please handle with caution. Unit: mm JEDEC — JEITA — TOSHIBA 2-21F1B Weight: 9.75 g (typ.) |
Podobny numer części - 2SK3131 |
|
Podobny opis - 2SK3131 |