Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3417 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części 2SK3417
Szczegółowy opis  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3417 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  2SK3417 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3417 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3417
2006-11-06
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV)
2SK3417
Switching Regulator Applications
Reverse-recovery time: trr = 60 ns (typ.)
Built-in high-speed flywheel diode
Low drain-source ON resistance: RDS (ON) = 1.6 Ω (typ.)
High forward transfer admittance:
⎪Yfs⎪ = 4.0 S (typ.)
Low leakage current: IDSS = 100 μA (max) (VDS = 500 V)
Enhancement mode: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
500
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
500
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
5
Drain current
Pulse (Note 1)
IDP
20
A
Drain power dissipation (Tc
= 25°C)
PD
50
W
Single pulse avalanche energy
(Note 2)
EAR
180
mJ
Avalanche current
IAR
5
A
Repetitive avalanche energy (Note 3)
EAR
5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
2.5
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
83.3
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 12.2 mH, RG = 25 Ω,
IAR = 5 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10S1B
Weight: 1.5 g (typ.)
JEDEC
JEITA
TOSHIBA
2-10S2B
Weight: 1.5 g (typ.)


Podobny numer części - 2SK3417

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK3417 TOSHIBA-2SK3417 Datasheet
245Kb / 6P
   Switching Regulator Applications
2SK3417 TOSHIBA-2SK3417 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3417B ISC-2SK3417B Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3417K ISC-2SK3417K Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK3417

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com